Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5380A-D-GM Datasheet(PDF) 3 Page - Silicon Laboratories

Part # Si5380A-D-GM
Description  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5380A-D-GM Datasheet(HTML) 3 Page - Silicon Laboratories

  Si5380A-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5380A-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
2. Ordering Guide
Table 2.1. Ordering Guide
Ordering Part Number
Number of
Outputs
Output Clock
Frequency
Range
Package
RoHS-6, Pb-Free
Temperature
Range
Si5380A-D-GM
12
0.480 MHz to
1464.56 MHz
64-Lead 9x9 mm QFN
Yes
–40 to +85 °C
Si5380-D-EVB
Evaluation Board
Note:
1. Add an “R” at the end of the device to denote tape and reel options.
2. Custom, factory pre-programmed devices are available. Ordering part numbers are assigned by ClockBuilder Pro. Part number
format is: Si5380A-Dxxxxx-GM, where “xxxxx” is a unique numerical sequence representing the pre-programmed configuration.
Figure 2.1. Ordering Part Number Fields
Si5380 Rev D Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2


Similar Part No. - Si5380A-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5380A-D-GM SILABS-Si5380A-D-GM Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

Similar Description - Si5380A-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380 Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com