Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8283 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # Si8283
Description  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8283 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si8283 Datasheet HTML 2Page - Silicon Laboratories Si8283 Datasheet HTML 3Page - Silicon Laboratories Si8283 Datasheet HTML 4Page - Silicon Laboratories Si8283 Datasheet HTML 5Page - Silicon Laboratories Si8283 Datasheet HTML 6Page - Silicon Laboratories Si8283 Datasheet HTML 7Page - Silicon Laboratories Si8283 Datasheet HTML 8Page - Silicon Laboratories Si8283 Datasheet HTML 9Page - Silicon Laboratories Si8283 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
2.11 Miller Clamp
IGBT power circuits are commonly connected in a half bridge configuration with the collector of the bottom IGBT tied to the emitter of
the top IGBT.
When the upper IGBT turns on (while the bottom IGBT is in the off state), the voltage on the collector of the bottom IGBT flies up sever-
al hundred volts quickly (fast dV/dt). This fast dV/dt induces a current across the IGBT collector-to-gate capacitor (CCG that constitutes
a positive gate voltage spike and can turn on the bottom IGBT. This behavior is called Miller parasitic turn on and can be destructive to
the switch since it causes shoot through current from the rail right across the two IGBTs to ground. The Si828x Miller clamp’s purpose
is to clamp the gate of the IGBT device being driven by the Si828x to prevent IGBT turn on due to the collector CCG coupling.
RL
VL
VH
Driver Control
RH
2.0 V
CLMP
Driver Control
Soft Shutdown
RSS
VSSB
VSSB
VSSB
VDDB
CCG
Figure 2.4. Miller Clamp Device
The Miller clamp device (Clamp) is engaged after the main driver had been on (VL) and pulled IGBT gate voltage close to VSSB, such
that one can consider the IGBT being already off. This timing prevents the Miller clamp from interfering with the driver’s operation. The
engaging of the Miller Clamp is done by comparing the IGBT gate voltage with a 2.0 V reference (relative to VSSB) before turning on
the Miller clamp NMOS.
Si8281/82/83/84 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 5


Similar Part No. - Si8283

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8283 SKYWORKS-SI8283 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
SI8283BC-AS SKYWORKS-SI8283BC-AS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
SI8283BC-IS SKYWORKS-SI8283BC-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
SI8283BD-AS SKYWORKS-SI8283BD-AS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
SI8283BD-IS SKYWORKS-SI8283BD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

Similar Description - Si8283

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com