Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP20-2412SFW Datasheet(PDF) 3 Page - Recom International Power

Part # RP20-2412SFW
Description  20 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-2412SFW Datasheet(HTML) 3 Page - Recom International Power

  RP20-2412SFW Datasheet HTML 1Page - Recom International Power RP20-2412SFW Datasheet HTML 2Page - Recom International Power RP20-2412SFW Datasheet HTML 3Page - Recom International Power RP20-2412SFW Datasheet HTML 4Page - Recom International Power RP20-2412SFW Datasheet HTML 5Page - Recom International Power RP20-2412SFW Datasheet HTML 6Page - Recom International Power RP20-2412SFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1.0%
Voltage Adjustability
Single
±10%
Line Voltage Regulation
low line to high line at
full load
Single
Dual
±0.2%
±0.5%
Load Voltage Regulation
no load to full load
Single
Dual
±0.5%
±1.0%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
250µs
continued on next page
RP20-FW
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Input Voltage
18Vin
48Vin
75Vin
Output Current [%]
10
40
45
50
55
60
65
70
75
80
85
20
40
60
80
100
30
50
70
90
90
95
Input Voltage [VDC]
18
78
80
82
84
86
90
30
36
48
60
75
24
42
54
66
88
RP20-4805SFW
External Output Trimming
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.63
Volts
R
U =
57.93
26.16
15.58
10.28
7.11
4.99
3.48
2.34
1.46
0.75
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.97
Volts
R
D =
69.47
31.23
18.49
12.12
8.29
5.74
3.92
2.56
1.50
0.65
KOhms
RP20-xx3.3SF
Output Voltage Trimming
Single output Powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external
trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for chosing these
trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to work out the resis tor
required or use a variable resistor to set the output voltage. Output can be externally trimmed by using the method shown below.
RU
5
4
RD
4
3
Trim up
Trim down


Similar Part No. - RP20-2412SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2412SFW RECOM-RP20-2412SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-2412SFWN RECOM-RP20-2412SFWN Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP20-2412SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com