Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T502B685M035AG6110 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T502B685M035AG6110
Description  Tantalum Surface Mount Capacitors ??High Temperature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T502B685M035AG6110 Datasheet(HTML) 3 Page - Kemet Corporation

  T502B685M035AG6110 Datasheet HTML 1Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 2Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 3Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 4Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 5Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 6Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 7Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 8Page - Kemet Corporation T502B685M035AG6110 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2075_T502 • 6/24/2016
33
Tantalum Surface Mount Capacitors – High Temperature
T502 Series MnO2 230°C
Qualification
Test
Condition
Characteristics
Endurance
230°Cat1/3ratedvoltage,1,000hours
ΔC/C
Within±10%ofinitialvalue
DF
Within1.5xinitiallimits
DCL
1 mAmp maximum
ESR
Within2.0xinitiallimits
Storage Life
230°Cat0volts,1,000hours
ΔC/C
Within±10%ofinitialvalue
DF
Within1.5xinitiallimits
DCL
1 mAmp maximum
ESR
Within2.0xinitiallimits
Humidity
85°C,85%RH,0V,500hours
ΔC/C
Within±10%ofinitialvalue
DF
Withininitiallimits
DCL
Withininitiallimits
ESR
Withininitiallimits
Temperature Stability
Extreme temperature exposure at a
successionofcontinuousstepsat+25°C,
−55°C,+25°C,+85°C,+150°C,+25°C
+25°C
−55°C
+85°C
+150°C
ΔC/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
12 x IL
Mechanical Shock/Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak
MIL–STD–202, Method 204, 10 Hz to 2,000 Hz, 5G's for 20
minutes, 12 cycles each of 3 orientations
ΔC/C
Within±10ofinitialvalue
DF
Withininitiallimits
DCL
Withininitiallimits
*IL = Initial limit


Similar Part No. - T502B685M035AG6110

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502B685M035AG6110 KEMET-T502B685M035AG6110 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
More results

Similar Description - T502B685M035AG6110

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685M035AG6110 KEMET-T502D685M035AG6110_16 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com