Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP30-1212SE Datasheet(PDF) 8 Page - Recom International Power

Part # RP30-1212SE
Description  30 Watt Single & Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-1212SE Datasheet(HTML) 8 Page - Recom International Power

  RP30-1212SE Datasheet HTML 1Page - Recom International Power RP30-1212SE Datasheet HTML 2Page - Recom International Power RP30-1212SE Datasheet HTML 3Page - Recom International Power RP30-1212SE Datasheet HTML 4Page - Recom International Power RP30-1212SE Datasheet HTML 5Page - Recom International Power RP30-1212SE Datasheet HTML 6Page - Recom International Power RP30-1212SE Datasheet HTML 7Page - Recom International Power RP30-1212SE Datasheet HTML 8Page - Recom International Power RP30-1212SE Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PD-8
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP30-E
Series
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
CTRL
CTRL
5
No Pin
+Vout
6
+Vout
Com
7
-Vout
-Vout
8
Trim
Trim
Pin Pitch Tolerance ±0.25mm
Pin Dimension Tolerance ±0.1mm
Tolerance: X.X ±0.5mm
X.XX ±0.25mm
Dimension Drawing (mm)
Dimension Drawing (mm) with Heat-sink
ø1.00
56.8
50.00
1.40
1.60
Top View
Heat-sink
40.6
40.6
50.8
Ø1.00
45.70
5
6
7
8
1
2
4
Bottom View


Similar Part No. - RP30-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-1212SE RECOM-RP30-1212SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-1212SE RECOM-RP30-1212SE Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com