Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP30-4815SEW Datasheet(PDF) 6 Page - Recom International Power

Part # RP30-4815SEW
Description  30 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4815SEW Datasheet(HTML) 6 Page - Recom International Power

  RP30-4815SEW Datasheet HTML 1Page - Recom International Power RP30-4815SEW Datasheet HTML 2Page - Recom International Power RP30-4815SEW Datasheet HTML 3Page - Recom International Power RP30-4815SEW Datasheet HTML 4Page - Recom International Power RP30-4815SEW Datasheet HTML 5Page - Recom International Power RP30-4815SEW Datasheet HTML 6Page - Recom International Power RP30-4815SEW Datasheet HTML 7Page - Recom International Power RP30-4815SEW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st. Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(12)
with external filter
EN55022, Class A, Class B
ESD
Radiated Immunity
Fast Transient(13)
Surge(13)
Conducted Immunity
Air ±8kV and Contact ±6kC
10 V/m
±2kV
±1kV
10 Vr.m.s
EN61000-4-2, Criteria B
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria B
EN61000-4-6, Criteria A
PD-6
REV.: 2/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP30-EW
Series
Input
Input
DC
DC
Fuse
C1
Fuse
C2
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
C3
DC
DC
+VIN
+VOUT
COM
-VOUT
-VIN
C4
Input
Input
DC
DC
Fuse
C1
Fuse
C2
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
C3
DC
DC
+VIN
+VOUT
COM
-VOUT
-VIN
C4
EMI Filtering Class A
MODEL
C1
C2
C3/C4
RP30-24xxSEW
RP30-24xxDEW
6.8µF/50V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
RP30-48xxSEW
RP30-48xxDEW
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
Input
DC
DC
Fuse
C4
C3
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C6
C5
+VOUT
COM
-VOUT
L1
DC
DC
C4
+VIN
+VOUT
-VOUT
-VIN
C6
C5
Input
Fuse
C3
C2
C1
L1
Input
DC
DC
Fuse
C4
C3
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C6
C5
+VOUT
COM
-VOUT
L1
DC
DC
C4
+VIN
+VOUT
-VOUT
-VIN
C6
C5
Input
Fuse
C3
C2
C1
L1
EMI Filtering Class B
MODEL
C1
C2
C3
C4
C5/C6
L1
RP30-24xxSEW
RP30-24xxDEW
6.8µF/50V
1812 MLCC
N/A
6.8F/50V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
CMC: 450µH
ref.: WE 7448227005
ref.: CMC-05
RP30-48xxSEW
RP30-48xxDEW
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 450µH
ref.: WE 7448227005
ref.: CMC-05
Notes:
Note12: The standard modues meet EMI Class A or Class B with external components, see filter suggestions below.
Note13: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter
capacitor Recom suggests: Nippon chemi-con KY series, 220µF/100V


Similar Part No. - RP30-4815SEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4815SEW RECOM-RP30-4815SEW Datasheet
273Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP30-4815SEW RECOM-RP30-4815SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-4815SEW RECOM-RP30-4815SEW Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-4815SEWN RECOM-RP30-4815SEWN Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-4815SEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com