Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP30-2412DEW Datasheet(PDF) 1 Page - Recom International Power

Part # RP30-2412DEW
Description  30 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-2412DEW Datasheet(HTML) 1 Page - Recom International Power

  RP30-2412DEW Datasheet HTML 1Page - Recom International Power RP30-2412DEW Datasheet HTML 2Page - Recom International Power RP30-2412DEW Datasheet HTML 3Page - Recom International Power RP30-2412DEW Datasheet HTML 4Page - Recom International Power RP30-2412DEW Datasheet HTML 5Page - Recom International Power RP30-2412DEW Datasheet HTML 6Page - Recom International Power RP30-2412DEW Datasheet HTML 7Page - Recom International Power RP30-2412DEW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Regulated
Converters
• 4:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 88%
• Six-Sided Continuous Shield
• Available as Power Module (RPM30-EW)
PD-1
REV.: 2/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP30-EW series wide input range DC/DC converters are certified to UL 60950-1 and to cUL 60950-
1. This makes them ideal for all telecom and industrial applications where approved safety standards
are required. The industry standard 2” x 1.6” package meets military standards for thermal shock and
vibration tolerance.
E196683
30 Watt
Single &
Dual
Output
RP30-EW
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP30-243.3SEW(3,4)
10-40
3.3
6000
948
87
19500
RP30-2405SEW(3,4)
10-40
5
6000
1437
87
10200
RP30-2412SEW(3,4)
10-40
12
2500
1437
87
3300
RP30-2415SEW(3,4)
10-40
15
2000
1420
88
1100
RP30-483.3SEW(3,4)
18-75
3.3
6000
474
87
19500
RP30-4805SEW(3,4)
18-75
5
6000
710
88
10200
RP30-4812SEW(3,4)
18-75
12
2500
718
87
3300
RP30-4815SEW(3,4)
18-75
15
2000
710
88
1100
RP30-2412DEW(3,4)
10-40
±12
±1250
1488
84
±1000
RP30-2415DEW(3,4)
10-40
±15
±1000
1471
85
±680
RP30-4812DEW(3,4)
18-75
±12
±1250
735
85
±1000
RP30-4815DEW(3,4)
18-75
±15
±1000
726
86
±680
UL60950-1 Certified
Model Numbering
Ordering Examples
RP30-2405SEW = 24V Input, 5V Output, Positive Logic CTRL pin.
RP30-4812DEW/N-HC = 48V Input, ±12V Output, Negative Logic CTRL pin, Heat-sink fitted
Input Voltage
Output Voltage
Single or Dual
RP30-__ __ _EW/_ _
Package(4)
Control Logic(3)
Notes:
Note3: no suffix for CTRL function with Positive Logic (1=ON, 0=OFF)
add “N” for CTRL function with Negative Logic (0=ON, 1=OFF)
Note4: add suffix -HC for premounted Heat-sink and clips
Notes:
Note1: Maximum value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP30-2412DEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-2412DEW RECOM-RP30-2412DEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-2412DEW RECOM-RP30-2412DEW Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-2412DEWN RECOM-RP30-2412DEWN Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-2412DEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com