Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP30-4805SF Datasheet(PDF) 3 Page - Recom International Power

Part # RP30-4805SF
Description  30 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4805SF Datasheet(HTML) 3 Page - Recom International Power

  RP30-4805SF Datasheet HTML 1Page - Recom International Power RP30-4805SF Datasheet HTML 2Page - Recom International Power RP30-4805SF Datasheet HTML 3Page - Recom International Power RP30-4805SF Datasheet HTML 4Page - Recom International Power RP30-4805SF Datasheet HTML 5Page - Recom International Power RP30-4805SF Datasheet HTML 6Page - Recom International Power RP30-4805SF Datasheet HTML 7Page - Recom International Power RP30-4805SF Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1%
Voltage Adjustability
Single Output
±10%
Line Voltage Regulation
low line to high line at full load
±0.2%
Load Voltage Regulation
no load to full load
Single
Dual
±0.5%
±1.0%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
250µs
continued on next page
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP30-F
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
18Vin
24Vin
36Vin
Output Current [%]
10
75
80
85
60
55
50
45
40
65
70
95
20
40
60
80
100
30
50
70
90
90
36Vin
48Vin
75Vin
Output Current [%]
10
65
60
55
50
45
40
70
75
85
80
95
20
40
60
80
100
30
50
70
90
90
Input Voltage [VDC]
18
65
70
75
80
90
95
22
24
28
34
32
36
20
26
30
85
Input Voltage [VDC]
36
65
70
75
80
90
95
44
48
56
68
64
75
40
52
60
72
85
RP30-2405SF
RP30-4805SF
External Output Trimming
Output Voltage Trimming
Single output Powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using
external trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for
chosing these trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to
work out the resis tor required or use a variable resistor to set the output voltage.
Output can be externally trimmed by using the method shown below.
RU
6
5
RD
6
4
Trim up
Trim down


Similar Part No. - RP30-4805SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4805SFW RECOM-RP30-4805SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
More results

Similar Description - RP30-4805SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com