Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-4815SG Datasheet(PDF) 3 Page - Recom International Power

Part # RP40-4815SG
Description  40 Watt Single, Dual & Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-4815SG Datasheet(HTML) 3 Page - Recom International Power

  RP40-4815SG Datasheet HTML 1Page - Recom International Power RP40-4815SG Datasheet HTML 2Page - Recom International Power RP40-4815SG Datasheet HTML 3Page - Recom International Power RP40-4815SG Datasheet HTML 4Page - Recom International Power RP40-4815SG Datasheet HTML 5Page - Recom International Power RP40-4815SG Datasheet HTML 6Page - Recom International Power RP40-4815SG Datasheet HTML 7Page - Recom International Power RP40-4815SG Datasheet HTML 8Page - Recom International Power RP40-4815SG Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP40-G
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
18Vin
24Vin
36Vin
Output Current [%]
10
75
80
85
40
45
50
55
60
65
70
95
20
40
60
80
100
30
50
70
90
90
36Vin
48Vin
75Vin
Output Current [%]
10
65
60
55
50
45
40
70
75
85
80
95
20
40
60
80
100
30
50
70
90
90
Input Voltage [VDC]
9
60
65
75
70
80
90
95
11
12
14
17
16
18
10
13
15
85
Input Voltage [VDC]
36
65
60
70
75
80
90
95
44
48
56
68
64
75
40
52
60
72
85
RP40-2405SG
RP40-4805SG


Similar Part No. - RP40-4815SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-4815SG RECOM-RP40-4815SG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP40-4815SG RECOM-RP40-4815SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SG RECOM-RP40-4815SG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815SGW RECOM-RP40-4815SGW Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
RP40-4815SGW RECOM-RP40-4815SGW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results

Similar Description - RP40-4815SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com