Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP30-4815DF Datasheet(PDF) 7 Page - Recom International Power

Part # RP30-4815DF
Description  30 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4815DF Datasheet(HTML) 7 Page - Recom International Power

  RP30-4815DF Datasheet HTML 1Page - Recom International Power RP30-4815DF Datasheet HTML 2Page - Recom International Power RP30-4815DF Datasheet HTML 3Page - Recom International Power RP30-4815DF Datasheet HTML 4Page - Recom International Power RP30-4815DF Datasheet HTML 5Page - Recom International Power RP30-4815DF Datasheet HTML 6Page - Recom International Power RP30-4815DF Datasheet HTML 7Page - Recom International Power RP30-4815DF Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP30-F
Series
PD-7
REV.: 1/2016
www.recom-power.com
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Nickel coated copper
FR4 PCB
Epoxy (UL94-V0)
Package Dimensions (LxWxH)
without Heat-sink
with Heat-sink
50.8 x 25.4 x 10.2mm
56.8 x 25.4 x 16.8mm
Package Weight
without Heat-sink
with Heat-sink
30.5g
41.39g
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
CTRL
CTRL
4
+Vout
+Vout
5
-Vout
Com
6
Trim
-Vout
Pin Pitch Tolerance ±0.25 mm
Pin Dimension Tolerance ±0.1mm
Tolerance: X.X ±0.5mm
X.XX ±0.25mm
Dimension Drawing (mm)
Dimension Drawing (mm) with Heat-sink
1
2
3
4
5
6
Bottom View
50.8
Ø1.00
25.4
45.72
Ø1.0
56.8
50.0
1.40
1.30
Top View
Heat-sink
25.4
MODEL
C1/C2/C3
C4/C5/C6
L1
L2
RP30-12xxSF
RP30-12xxDF
10µF/25V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 33.3µH
ref.: WE 744842932
ref.: CMC-09
CMC: 55µH
ref.: WE 744290560
ref.: CMC-10
RP30-24xxSF
RP30-24xxDF
4.7µF/50V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 33.3µH
ref.: WE 744842932
ref.: CMC-09
CMC: 55µH
ref.: WE 744290560
ref.: CMC-10
RP30-48xxSF
RP30-48xxDF
2.2µF/100V
1812 MLCC
1000pF/2kV
1808 MLCC
CMC: 33.3µH
ref.: WE 744842932
ref.: CMC-09
CMC: 55µH
ref.: WE 744290560
ref.: CMC-10


Similar Part No. - RP30-4815DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4815DFW RECOM-RP30-4815DFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
More results

Similar Description - RP30-4815DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com