Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV012ATLD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV012ATLD
Description  3V LVDS Single CMOS Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV012ATLD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV012ATLD Datasheet HTML 1Page - National Semiconductor (TI) DS90LV012ATLD Datasheet HTML 2Page - National Semiconductor (TI) DS90LV012ATLD Datasheet HTML 3Page - National Semiconductor (TI) DS90LV012ATLD Datasheet HTML 4Page - National Semiconductor (TI) DS90LV012ATLD Datasheet HTML 5Page - National Semiconductor (TI) DS90LV012ATLD Datasheet HTML 6Page - National Semiconductor (TI) DS90LV012ATLD Datasheet HTML 7Page - National Semiconductor (TI) DS90LV012ATLD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS90LV012A/DS90LT012A
3V LVDS Single CMOS Differential Line Receiver
General Description
The DS90LV012A and DS90LT012A are single CMOS differ-
ential line receivers designed for applications requiring ultra
low power dissipation, low noise, and high data rates. The
devices are designed to support data rates in excess of 400
Mbps (200 MHz) utilizing Low Voltage Differential Swing
(LVDS) technology
The DS90LV012A and DS90LT012A accept low voltage (350
mV typical) differential input signals and translates them to
3V CMOS output levels. The receivers also support open,
shorted, and terminated (100
Ω) input fail-safe. The receiver
output will be HIGH for all fail-safe conditions. The
DS90LV012A has a pinout designed for easy PCB layout.
The DS90LT012A includes an input line termination resistor
for point-to-point applications.
The DS90LV012A and DS90LT012A, and companion LVDS
line driver provide a new alternative to high power PECL/
ECL devices for high speed interface applications.
Features
n
Compatible with ANSI TIA/EIA-644-A Standard
n >
400 Mbps (200 MHz) switching rates
n
100 ps differential skew (typical)
n
3.5 ns maximum propagation delay
n
Integrated line termination resistor (102
Ω typical)
n
Single 3.3V power supply design (2.7V to 3.6V range)
n
Power down high impedance on LVDS inputs
n
Accepts small swing (350 mV typical) differential signal
levels
n
LVDS receiver inputs accept LVDS/BLVDS/LVPECL
inputs
n
Supports open, short and terminated input fail-safe
n
Pinout simplifies PCB layout
n
Low Power Dissipation (10mW typical@ 3.3V static)
n
SOT-23 5-lead package
n
Leadless LLP-8 package (3x3 mm body size)
n
SOT version pin compatible with SN65LVDS2,
SN65LVDT2
n
Electrically similar to the DS90LV018A
n
Fabricated with advanced CMOS process technology
n
Industrial temperature operating range
(−40˚C to +85˚C)
Connection Diagrams
20015026
(Top View)
Order Number DS90LV012ATMF, DS90LT012ATMF
See NS Package Number MF05A
20015027
(Top View)
Order Number DS90LV012ATLD, DS90LT012ATLD
See NS Package Number LDA08A
Functional Diagram
DS90LV012A
20015002
DS90LT012A
20015025
Truth Table
INPUTS
OUTPUT
[IN+] − [IN−]
TTL OUT
V
ID
≥ 0V
H
V
ID
≤ −0.1V
L
Full Fail-safe OPEN/SHORT or
Terminated
H
August 2002
© 2002 National Semiconductor Corporation
DS200150
www.national.com


Similar Part No. - DS90LV012ATLD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV012ATLD NSC-DS90LV012ATLD Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LV012ATLD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com