Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C103A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # C103A
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C103A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  C103A Datasheet HTML 1Page - Central Semiconductor Corp C103A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R0
C103Y
C103YY
C103A
C103B
SILICON CONTROLLED RECTIFIER
0.8 AMP, 30 THRU 200 VOLTS
TO-92 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR C103 Series types are Epoxy Molded Silicon Controlled Rectifiers designed for
control systems and sensing circuit applications.
MAXIMUM RATINGS (TC=25°C unless otherwise noted)
SYMBOL
C103Y
C103YY
C103A
C103B
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
30
60
100
200
V
RMS On-State Current (TC=60°C)
IT(RMS)
0.8
A
Peak One Cycle Surge
ITSM
8.0
A
Peak Forward Gate Current
IGM
0.5
A
Peak Reverse Gate Voltage
VGM
8.0
V
Peak Gate Power Dissipation (tp=8.3ms)
PGM
1.0
W
Average Gate Power Dissipation
PG(AV)
0.01
W
Storage Temperature
Tstg
-65 to +150
°C
Junction Temperature
TJ
-65 to +125
°C
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ
1.0
µA
IDRM, IRRM
Rated VDRM, VRRM, TC=125°C, RGK=1KΩ
50
µA
IGT
VD=6.0V, RL=100Ω, RGK=1KΩ
200
µA
IGT
VD=6.0V, RL=100Ω, RGK=1KΩ, TC=-65°C
500
µA
IH
RGK=1KΩ
5.0
mA
IH
RGK=1KΩ, TC=-65°C
10
mA
VGT
VD=6.0V, RL=100Ω
0.8
V
VGT
VD=6.0V, RL=100Ω, TC=-65°C
1.0
V
VGT
VD=6.0V, RL=1KΩ, TC=125°C
0.1
V
VTM
ITM=1.0A
1.5
V
dv/dt
VD=VDRM, TC=125°C, RGK=1KΩ
20
V/
µs


Similar Part No. - C103A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C103A NJSEMI-C103A Datasheet
118Kb / 2P
   SO-thru 200-volt selection
logo
Central Semiconductor C...
C103A CENTRAL-C103A Datasheet
126Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - C103A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com