Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6041747 Datasheet(PDF) 5 Page - SICK AG

Part # 6041747
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6041747 Datasheet(HTML) 5 Page - SICK AG

  6041747 Datasheet HTML 1Page - SICK AG 6041747 Datasheet HTML 2Page - SICK AG 6041747 Datasheet HTML 3Page - SICK AG 6041747 Datasheet HTML 4Page - SICK AG 6041747 Datasheet HTML 5Page - SICK AG 6041747 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PBS-RB100SGESSSAMA0Z | PBS
PRESSURE SENSORS
Brief description
Type
Part no.
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1204-G05MC
6025901
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1204-G10M
6010543
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1204-G10MC
6025902
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 15 m
DOL-1204-G15M
6010753
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 20 m
DOL-1204-G20M
6034401
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-W02M
6009383
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1204-W02MC
6025903
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-W05M
6009867
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1204-W05MC
6025904
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, Welding spark resistant, PUR, halogen-free, unshielded, 5 m
DOL-1204-W05MD
6020399
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1204-W10M
6010541
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1204-W10MC
6025905
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 15 m
DOL-1204-W15M
6036474
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 20 m
DOL-1204-W20M
6033559
2016-07-27 14:33:08 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5


Similar Part No. - 6041747

ManufacturerPart #DatasheetDescription
logo
SICK AG
6041748 SICK-6041748 Datasheet
848Kb / 7P
   PRESSURE SENSORS
More results

Similar Description - 6041747

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com