Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C324C322BDG5HA7301 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C324C322BDG5HA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C324C322BDG5HA7301 Datasheet(HTML) 5 Page - Kemet Corporation

  C324C322BDG5HA7301 Datasheet HTML 1Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 2Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 3Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 4Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 5Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 6Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 7Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 8Page - Kemet Corporation C324C322BDG5HA7301 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015
5
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1A – C31X Style/Size, Capacitance Range Waterfall
TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981.
C315, C316, C317, C318 Style/Size (0.100" and 0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
Voltage Code
C
B
D
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
1pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
109
109
109
1.1pF
119
119
119
1.2pF
129
129
129
1.3pF
139
139
139
1.5pF
159
159
159
1.6pF
169
169
169
1.8pF
189
189
189
2.0pF
209
209
209
2.2pF
229
229
229
2.4pF
249
249
249
2.7pF
279
279
279
3.0pF
309
309
309
3.3pF
339
339
339
3.6pF
369
369
369
3.9pF
399
399
399
4.3pF
439
439
439
4.7pF
479
479
479
5.1pF
519
519
519
5.6pF
569
569
569
6.2pF
629
629
629
6.8pF
689
689
689
7.5pF
759
759
759
8.2pF
829
829
829
9.1pF
919
919
919
10pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
100
100
100
11pF
110
110
110
12pF
120
120
120
13pF
130
130
130
15pF
150
150
150
16pF
160
160
160
18pF
180
180
180
20pF
200
200
200
22pF
220
220
220
24pF
240
240
240
27pF
270
270
270
30pF
300
300
300
33pF
330
330
330
36pF
360
360
360
39pF
390
390
390
43pF
430
430
430
47pF
470
470
470
51pF
510
510
510
56pF
560
560
560
62pF
620
620
620
68pF
680
680
680
75pF
750
750
750
82pF
820
820
820
91pF
910
910
910
100pF
101
101
101
110pF
111
111
111
120pF
121
121
121
130pF
131
131
131
150pF
151
151
151
160pF
161
161
161
180pF
181
181
181
200pF
201
201
201
Rated Voltage (VDC)
500
630
1,000
Voltage Code
C
B
D


Similar Part No. - C324C322BDG5HA7301

ManufacturerPart #DatasheetDescription
logo
NEC
C324C NEC-C324C Datasheet
84Kb / 12P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Kemet Corporation
C324C103K5R5TA KEMET-C324C103K5R5TA Datasheet
62Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.01 uF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C324C104J5R5TA KEMET-C324C104J5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 0.1 uF, /-5% Tol, 50 V, X7R, Lead Spacing=0.1"||" "923840
Ceramic, Commercial Grade, GoldMax, 1000 pF, 5%, 3
C324C104M5U5TA KEMET-C324C104M5U5TA Datasheet
58Kb / 1P
   Ceramic, GoldMax, 0.1 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C324C106J1R5HA7301 KEMET-C324C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C324C322BDG5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com