Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E9336AA Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # E9336AA
Description  Low Profile Surface Mount Single Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

E9336AA Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  E9336AA Datasheet HTML 1Page - GOOD-ARK Electronics E9336AA Datasheet HTML 2Page - GOOD-ARK Electronics E9336AA Datasheet HTML 3Page - GOOD-ARK Electronics E9336AA Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E9335AA thru E9336AA
Low Profile Surface Mount Single Phase Bridge Rectifiers
Reverse Voltage 600~800V Output Current 3A
Features
• Low forward voltage drop
• Low leakage current
• Solder dip 260 °C, 10 s
• Ideal for automated placement
• Glass passivated standard bridge rectifiers
• Moisture sensitivity: level 1, per J-STD-020
• Low profile,Typical Height 1.3mm
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
VRRM
V
VRMS
V
VDC
V
Io(AV)
A
IFSM
A
I
2t
A
2sec
TJ,
TSTG
°C
Maximum instantaneous
forward voltage
IF=1.5A,
TA=25
VF
Volts
TA=25
TA=125
CJ
pF
RθJA
RθJC
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0 D.C.
2. On glass epoxy PCB, mounted recommended copper pad areas
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
800
E9335AA
E9336AA
600
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average output rectified current
3.0
560
800
420
600
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
80
Rating for fusing(t<8.3ms)
26.7
Operating junction and storage temperature
range
- 55 to + 150
250
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test
Conditions
Symbol
Unit
E9335AA
E9336AA
0.95
Maximum DC reverse
current at rated DC blocking
voltage
IR
5
µA
Typical thermal resistance
(2)
24
℃/W
7.2
Typical junction capacitance
(1)
22.7
Thermal Characteristics
Parameter
Symbol
Unit
E9335AA
E9336AA
case: E93
www.goodark.com
1/4
2015.12-Rev.A


Similar Part No. - E9336AA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E9336A GOOD-ARK-E9336A Datasheet
379Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9336AU GOOD-ARK-E9336AU Datasheet
377Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9336A GOOD-ARK-E9336A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
More results

Similar Description - E9336AA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E9335AU GOOD-ARK-E9335AU Datasheet
377Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9345AU GOOD-ARK-E9345AU Datasheet
379Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9325A GOOD-ARK-E9325A Datasheet
378Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9325AU GOOD-ARK-E9325AU Datasheet
378Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9335A GOOD-ARK-E9335A Datasheet
379Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9345A GOOD-ARK-E9345A Datasheet
379Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02 GOOD-ARK-LMR02 Datasheet
366Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM02A GOOD-ARK-LM02A Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com