Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM90P10-19B Datasheet(PDF) 1 Page - Analog Power

Part # AM90P10-19B
Description  P-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P10-19B Datasheet(HTML) 1 Page - Analog Power

  AM90P10-19B Datasheet HTML 1Page - Analog Power AM90P10-19B Datasheet HTML 2Page - Analog Power AM90P10-19B Datasheet HTML 3Page - Analog Power AM90P10-19B Datasheet HTML 4Page - Analog Power AM90P10-19B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM90P10-19B
P-Channel 100-V (D-S) MOSFET
VDS (V)
ID (A)
Symbol
Limit
Units
VDS
-100
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
-90
IDM
-360
TC=25°C
IS
-90
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
11
RθJC
0.5
Notes
a.
Package Limited
b.
Pulse width limited by maximum junction temperature
c.
Surface Mounted on 1” x 1” FR4 Board.
Pulsed Drain Current
b
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Gate-Source Voltage
PRODUCT SUMMARY
-100
rDS(on) (mΩ)
19 @ VGS = -10V
21 @ VGS = -4.5V
-90
a
A
Maximum Junction-to-Ambient
c
Maximum Junction-to-Case
Continuous Source Current (Diode Conduction)
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM90P10-19B_1B


Similar Part No. - AM90P10-19B

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90P10-117P ANALOGPOWER-AM90P10-117P Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results

Similar Description - AM90P10-19B

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com