Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E91257A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # E91257A
Description  Surface Mount Glass Passivated Single Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

E91257A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  E91257A Datasheet HTML 1Page - GOOD-ARK Electronics E91257A Datasheet HTML 2Page - GOOD-ARK Electronics E91257A Datasheet HTML 3Page - GOOD-ARK Electronics E91257A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E91257A
Surface Mount Glass Passivated Single Phase Bridge Rectifier
Reverse Voltage 1000V Output Current 2.5A
Package Outline Dimensions
(Unit:mm)
Dim
Min
Nom.
Max
Dim
Min
Nom.
Max
A
1.10
1.17
1.20
L3
5.7
5.9
6.1
C
0.20
0.25
0.35
L4
0.6
0.80
1
D
8.3
8.4
8.6
L5
1.4
1.6
1.8
HE
10.0
10.2
10.4
P1
E
9.1
9.30
9.5
P2
E1
P3
L1
1.4
1.60
1.80
P4
L2
1.0
1.2
1.4
5.28 REF
3.0 REF
7.4 REF
3.1 REF
3.68 REF
Mounting Pad
layout,unit:mm
www.goodark.com
3/4
2015.11-Rev.A


Similar Part No. - E91257A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E91256A GOOD-ARK-E91256A Datasheet
364Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256A GOOD-ARK-E91256A_15 Datasheet
258Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier Reverse Voltage 800V Ountput Current 2.5A
More results

Similar Description - E91257A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91307A GOOD-ARK-E91307A Datasheet
377Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF005S CHENYI-DF005S Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com