Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1N5938 Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # F1N5938
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F1N5938 Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  F1N5938 Datasheet HTML 1Page - GOOD-ARK Electronics F1N5938 Datasheet HTML 2Page - GOOD-ARK Electronics F1N5938 Datasheet HTML 3Page - GOOD-ARK Electronics F1N5938 Datasheet HTML 4Page - GOOD-ARK Electronics F1N5938 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
F1N5923 thru F1N5956
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:1.5W
www.goodark.com
5/5
2014.12-Rev.B
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer’s application; they do not convey any
license under any intellectual property rights, or any other rights, belonging to Suzhou Good-
license under any intellectual property rights, or any other rights, belonging to Suzhou Good
Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party’s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials
including product data
diagrams
charts
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of
these materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without
notice due to product improvements or other reasons. It is therefore recommended that
customers contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark
Electronics Co., Ltd. for the latest product information before purchasing a product listed
herein. The information described here may contain technical inaccuracies or typographical
errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to
information published by Suzhou Good-Ark Electronics Co., Ltd. by various means, including
our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a
total system before making a final decision on the applicability of the information and
products. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability or other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
5/5
2014.12-Rev.B


Similar Part No. - F1N5938

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
More results

Similar Description - F1N5938

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com