Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL1506B Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # GL1506B
Description  Glass Passivated Single In-Line Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GL1506B Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  GL1506B Datasheet HTML 1Page - GOOD-ARK Electronics GL1506B Datasheet HTML 2Page - GOOD-ARK Electronics GL1506B Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
www.goodark.com                                  2 / 3
                                    rev.1 
 
GL1506B THRU GL1508B 
Glass Passivated Single In-Line Bridge Rectifiers
Reverse voltage-600V to 800V
Forward current-15Amperes
THERMAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GL1506B
GL1508B
UNIT
Maximum thermal
resistance
RθJC
(1)
1.5
/W
RθJA
(2)
25
RATINGS AND CHARACTERISTICS CURVES
(T
A = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GL1506B
GL1508B
UNIT
Maximum instantaneous
forward voltage drop per leg
at 7.5A
IF=7.5 A
TA=25℃
VF
0.91
Volts
TA=125℃
0.83
Maximum DC reverse
current at rated DC blocking
voltage
TA=25℃
IR
5
µA
TA=125℃
250
Typical reverse recovery
time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
TRR
4
us
ORDERING INFORMATION
(Example)
PREFERRED P/N
UNIT WEIGHT (g)
BASE QUANTITY
DELIVERY MODE
GL1506B
7.141
20
Tube
GL1506B
7.141
40
Paper tray
Notes
: (1) Thermal resistance from junction to case, Unit case mounted with heatsink
(2) Thermal resistance from junction to ambient, Unit case mounted on PCB without heatsink
Figure 1. Derating Curve Output Rectified Current  
Figure  2.  Maximum  Non‐Repetitive  Peak  Forward 
Surge Current Per Leg 


Similar Part No. - GL1506B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GL1506B SECOS-GL1506B Datasheet
441Kb / 2P
   15Amp Glass Passivated Bridge Rectifiers
GL1506B-C SECOS-GL1506B-C Datasheet
441Kb / 2P
   15Amp Glass Passivated Bridge Rectifiers
logo
GOOD-ARK Electronics
GL1506B GOOD-ARK-GL1506B_15 Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers Reverse voltage-600V to 800V Forward current-15Amperes
More results

Similar Description - GL1506B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
KBF401 GOOD-ARK-KBF401 Datasheet
530Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201 GOOD-ARK-KBF201 Datasheet
840Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201V GOOD-ARK-KBF201V Datasheet
825Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF301 GOOD-ARK-KBF301 Datasheet
607Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GL1506A GOOD-ARK-GL1506A Datasheet
224Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
GL2506-T2 GOOD-ARK-GL2506-T2 Datasheet
226Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201U GOOD-ARK-KBF201U Datasheet
845Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GLV1506 GOOD-ARK-GLV1506 Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
GLV1506 GOOD-ARK-GLV1506_15 Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers Glass Passivated Single In-Line Bridge Rectifiers Forward current-15Amperes
logo
Vishay Siliconix
GSIB4A60 VISHAY-GSIB4A60 Datasheet
124Kb / 3P
   Glass Passivated Single-In-Line Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com