|
| CM3842 |
|
||
|
ETC |
|
2 page
CM3842/3843 CURRENT MODE PWM CONTROLLER 2001/06/27 Advanced Champion Microelectronic Corporation Page 1 GENERAL DESCRIPTION FEATURES The CM3842/43 are fixed frequency current-mode PWM controllers specially designed for OFF-Line switching power supply and DC-to-DC converters with a minimum number of external components. These devices feature a trimmed oscillator for precise duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and high current totem pole output which is suitable for driving MOSFETs. The under voltage lock-out (U.V.L.O.) is designed to operated with 200 µA typ. start-up current, allowing an efficient bootstrap supply voltage design. The U.V.L.O. thresholds for the CM3842 are 16V (on) and 10V (off) which are ideal for off-line applications. The corresponding typical threshold for the CM3843 are 8.4V (on) and 7.6V (off). The CM3842/43 can operated within 100% duty cycle. ! Low Start-Up current ( typ. 200 µA) ! Optimized for Off-Line and DC-to-DC Converters ! Maximum Duty Cycle ! U.V.L.O. with Hysteresis ! Operating Frequency Up to 500KHz ! Internal Trimmed Bandgap Reference ! High Current Totem Pole Output ! Error Amplifier With Low Output Resistance ! Available in 8-Pin Plastic DIP and Surface Mount 8-Pin S.O.I.C. APPLICATIONS PIN CONFIGURATION ! Off-line flyback or forward converters. ! DC-to-DC buck or boost converter. ! Monitor Power Supply 8-Pin PDIP (Top View) AVAILABLE OPTIONS Device Start-UP Voltage Hysteresis Max. Duty Cycle CM3842 16V 6V < 100% CM3843 8.4V 0.8V < 100% 8-Pin S.O.I.C. (Top View) COMP VFB ISENSE VREF GND OUTPUT VCC RT/CT COMP VFB ISENSE VREF GND OUTPUT VCC RT/CT |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HV9605C | High Voltage Current Mode PWM Controller | 1 2 3 4 5 | Supertex, Inc |
| UC1848 | Average Current Mode PWM Controller | 1 2 3 4 5 More | Texas Instruments |
| CS51021 | Enhanced Current Mode PWM Controller | 1 2 3 4 5 More | Cherry Semiconductor Corporation |
| DBL3842 | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | Daewoo Semiconductor |
| SG1844 | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | Microsemi Corporation |
| UC2842A | Current Mode PWM Controller | 1 2 3 4 5 More | Texas Instruments |
| ISL8843 | Industry Standard Single-Ended Current Mode PWM Controller | 1 2 3 4 5 More | Intersil Corporation |
| TC170 | CMOS Current Mode PWM Controller | 1 2 3 4 5 More | Microchip Technology |
| SG1846 | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | Microsemi Corporation |
| LM5020 | 100V Current Mode PWM Controller | 1 2 3 4 5 More | National Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |