Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6800 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM6800
Description  LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6800 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM6800 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6800 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CM6800/1
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2004/02/11 Rev. 1.6
Champion Microelectronic Corporation
Page 4
BLOCK DIAGRAM (CM6801)
6
VDC
8
RAMP2
5
SS
GAIN
MODULATOR
9
DC ILIMIT
16
VEAO
1
IEAO
13
VCC
14
VREF
12
PFC OUT
OSCILLATOR
7.5V
REFERENCE
11
PWM OUT
DUTY CYCLE
LIMIT
UVLO
15
VFB
2
IAC
4
VRMS
3
ISENSE
7
RAMP1
10
GND
2.75V
2.45V
VCC
GND
-1V
0.5V
1.0V
0.3V
17.9V
2.5V
Vcc
VCC
VCC
VREF
VCC
VFB
GND
350
3.5K
GMi
+
-
.
GMv
+
-
.
+
-
+
-
VCC OVP
3.5K
PFC OVP
+
-
.
+
-
PFC ILIMIT
DC ILIMIT
VIN OK
+
-
.
S
R
Q
Q
S
R
Q
Q
S
R
Q
Q
MPPWM
MNPWM
MNPFC
MPPFC
SW SPST
1.5V
SW SPST
20uA
SW SPST
350
PWMOUT
TRI-FAULT
PWM
DUTY
PFCOUT
PULSE
WIDTH
MODULATOR
POWER
FACTOR
CORRECTOR
PWM
CMP
LOW POWER
DETECT
SS CMP
PFC CMP
CLK
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6800IP
-40℃ to 125℃
16-Pin PDIP (P16)
CM6800IS
-40℃ to 125℃
16-Pin Wide SOP (S16)
CM6801IP
-40℃ to 125℃
16-Pin PDIP (P16)
CM6801IS
-40℃ to 125℃
16-Pin Wide SOP (S16)
CM6800GIP*
-40℃ to 125℃
16-Pin PDIP (P16)
CM6800GIS*
-40℃ to 125℃
16-Pin Wide SOP (S16)
CM6801GIP*
-40℃ to 125℃
16-Pin PDIP (P16)
CM6801GIS*
-40℃ to 125℃
16-Pin Wide SOP (S16)
*Note: G : Suffix for Pb Free Product


Similar Part No. - CM6800

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800AGIP CHAMP-CM6800AGIP Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800AGIP CHAMP-CM6800AGIP Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6800

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com