Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APHB1608SGNC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APHB1608SGNC
Description  1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608SGNC Datasheet(HTML) 1 Page - Kingbright Corporation

  APHB1608SGNC Datasheet HTML 1Page - Kingbright Corporation APHB1608SGNC Datasheet HTML 2Page - Kingbright Corporation APHB1608SGNC Datasheet HTML 3Page - Kingbright Corporation APHB1608SGNC Datasheet HTML 4Page - Kingbright Corporation APHB1608SGNC Datasheet HTML 5Page - Kingbright Corporation APHB1608SGNC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAK7901
REV NO: V.7A
DATE: JUN/30/2016
PAGE: 1 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.T.Zhang
ERP: 1203011316
1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT
LED
Part Number: APHB1608SGNC
Super Bright Green
Pure Orange
Features
1.6mmX0.8mm SMD LED, 0.5mm thickness.
Compatible with reflow soldering.
Available in various color combination.
Package: 2000pcs / reel .
Moisture sensitivity level : level 3.
Tinned pads for improved solderability.
RoHS compliant.
Descriptions
The Super Bright Green source color devices are made
with Gallium Phosphide Green Light Emitting Diode.
The Pure Orange source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Pure
Orange Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3.The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APHB1608SGNC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608SYKSURKC KINGBRIGHT-APHB1608SYKSURKC Datasheet
258Kb / 6P
   Compatible with reflow soldering
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608SYKSURKC TO-GRACE-APHB1608SYKSURKC Datasheet
972Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Similar Description - APHB1608SGNC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608ZGKSYKC KINGBRIGHT-APHB1608ZGKSYKC Datasheet
265Kb / 6P
   1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT LED
logo
Dialight Corporation
597-77X1-2XX DIALIGHT-597-77X1-2XX Datasheet
37Kb / 2P
   Surface Mount LED Bi-Color
597-77X1-1XX DIALIGHT-597-77X1-1XX Datasheet
21Kb / 1P
   Surface Mount LED Bi-Color
597-77X1-5XX DIALIGHT-597-77X1-5XX Datasheet
25Kb / 1P
   Surface Mount LED Bi-Color
597-7701-107F DIALIGHT-597-7701-107F Datasheet
24Kb / 1P
   Surface Mount LED Bi-Color
logo
BRIGHT LED ELECTRONICS ...
BL-PMRG-SJS BRIGHT-BL-PMRG-SJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYB-CJS BRIGHT-BL-PMYB-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSG-CJS BRIGHT-BL-PMSG-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSY-CJS BRIGHT-BL-PMSY-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYT-CJS BRIGHT-BL-PMYT-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com