Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM230N07-03B Datasheet(PDF) 1 Page - Analog Power

Part # AM230N07-03B
Description  N-Channel 75-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM230N07-03B Datasheet(HTML) 1 Page - Analog Power

  AM230N07-03B Datasheet HTML 1Page - Analog Power AM230N07-03B Datasheet HTML 2Page - Analog Power AM230N07-03B Datasheet HTML 3Page - Analog Power AM230N07-03B Datasheet HTML 4Page - Analog Power AM230N07-03B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM230N07-03B
N-Channel 75-V (D-S) MOSFET
VDS (V)
ID (A)
Symbol
Limit
Units
VDS
75
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
230
IDM
900
TC=25°C
IS
140
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Package Limited
b.
Pulse width limited by maximum junction temperature
c.
Surface Mounted on 1” x 1” FR4 Board.
A
Pulsed Drain Current
b
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
c
Maximum Junction-to-Case
Continuous Source Current (Diode Conduction)
a
230
a
Gate-Source Voltage
PRODUCT SUMMARY
75
rDS(on) (mΩ)
4.5 @ VGS = 10V
5.5 @ VGS = 4.5V
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM230N07-03B_1A


Similar Part No. - AM230N07-03B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2300 AITSEMI-AM2300 Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3R AITSEMI-AM2300E3R Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SR AITSEMI-AM2300E3SR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SVR AITSEMI-AM2300E3SVR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3VR AITSEMI-AM2300E3VR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
More results

Similar Description - AM230N07-03B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com