Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTD3216SYCK-J3-PF Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APTD3216SYCK-J3-PF
Description  3.2x1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTD3216SYCK-J3-PF Datasheet(HTML) 2 Page - Kingbright Corporation

  APTD3216SYCK-J3-PF Datasheet HTML 1Page - Kingbright Corporation APTD3216SYCK-J3-PF Datasheet HTML 2Page - Kingbright Corporation APTD3216SYCK-J3-PF Datasheet HTML 3Page - Kingbright Corporation APTD3216SYCK-J3-PF Datasheet HTML 4Page - Kingbright Corporation APTD3216SYCK-J3-PF Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAO5932
REV NO: V.1B
DATE: NOV/10/2015
PAGE: 2 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1203015275
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Emitting Color (Material)
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APTD3216SYCK/J3-PF
Super Bright Yellow (AlGaInP)
Water Clear
1300
1700
35
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Yellow
590
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Yellow
20
nm
IF=20mA
C
Capacitance
Super Bright Yellow
45
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Yellow
2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Yellow
10
uA
VR=5V
Parameter
Values
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - APTD3216SYCK-J3-PF

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APTD3216SYCK-J3-PF TO-GRACE-APTD3216SYCK-J3-PF Datasheet
818Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
More results

Similar Description - APTD3216SYCK-J3-PF

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SECK KINGBRIGHT-APTD3216SECK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SGC KINGBRIGHT-APTD3216SGC Datasheet
276Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SURCK KINGBRIGHT-APTD3216SURCK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216VGC KINGBRIGHT-APTD3216VGC Datasheet
284Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
AP3216SYC KINGBRIGHT-AP3216SYC Datasheet
118Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216EC KINGBRIGHT-APTR3216EC Datasheet
275Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SEC KINGBRIGHT-APTR3216SEC Datasheet
134Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SYCK KINGBRIGHT-APTR3216SYCK Datasheet
274Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTL3216ZGC KINGBRIGHT-APTL3216ZGC Datasheet
287Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-1206-YG2 GILWAY-GHB-1206-YG2 Datasheet
139Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com