Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C51RL Datasheet(PDF) 8 Page - Motorola, Inc

Part # BZX55C51RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX55C51RL Datasheet(HTML) 8 Page - Motorola, Inc

Back Button BZX55C51RL Datasheet HTML 4Page - Motorola, Inc BZX55C51RL Datasheet HTML 5Page - Motorola, Inc BZX55C51RL Datasheet HTML 6Page - Motorola, Inc BZX55C51RL Datasheet HTML 7Page - Motorola, Inc BZX55C51RL Datasheet HTML 8Page - Motorola, Inc BZX55C51RL Datasheet HTML 9Page - Motorola, Inc BZX55C51RL Datasheet HTML 10Page - Motorola, Inc BZX55C51RL Datasheet HTML 11Page - Motorola, Inc BZX55C51RL Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-104
500 mW DO-35 Glass Data Sheet
Type
Nominal
Zener Voltage
VZ
Test
Current
Maximum Zener Impedance
(Note 3)
Maximum
DC Zener Current
IZM
Maximum Reverse Leakage Current
Type
Number
(Note 1)
VZ
(Note 2)
Volts
Current
IZT
mA
ZZT @ IZT
Ohms
ZZK @ IZK
Ohms
IZK
mA
IZM
(Note 4)
mA
IR Maximum
µA
Test Voltage Vdc
VR
1N981B
68
1.8
230
2000
0.25
4.5
5
51.7
1N982B
75
1.7
270
2000
0.25
4.1
5
56
1N983B
82
1.5
330
3000
0.25
3.7
5
62.2
1N984B
91
1.4
400
3000
0.25
3.3
5
69.2
1N985B
100
1.3
500
3000
0.25
3
5
76
1N986B
110
1.1
750
4000
0.25
2.7
5
83.6
1N987B
120
1
900
4500
0.25
2.5
5
91.2
1N988B
130
0.95
1100
5000
0.25
2.3
5
98.8
1N989B
150
0.85
1500
6000
0.25
2
5
114
1N990B
160
0.8
1700
6500
0.25
1.9
5
121.6
1N991B
180
0.68
2200
7100
0.25
1.7
5
136.8
1N992B
200
0.65
2500
8000
0.25
1.5
5
152
NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION
Tolerance Designation
The type numbers shown have tolerance designations as follows:
1N4370A series:
±5% units, C for ±2%, D for ±1%.
1N746A series:
±5% units, C for ±2%, D for ±1%.
1N957B series:
±5% units, C for ±2%, D for ±1%.
NOTE 2. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in thermal equilibrium at the lead
temperature of 30
°C ±1°C and 3/8″ lead length.
NOTE 3. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current
applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.
NOTE 4. MAXIMUM ZENER CURRENT RATINGS (IZM)
Values shown are based on the JEDEC rating of 400 mW. Where the actual zener voltage
(VZ) is known at the operating point, the maximum zener current may be increased and is
limited by the derating curve.


Similar Part No. - BZX55C51RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX55C51RL ONSEMI-BZX55C51RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results

Similar Description - BZX55C51RL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com