Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXH401VSN680MQ20S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXH401VSN680MQ20S
Description  Long life, Overvoltage resistant design, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXH401VSN680MQ20S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXH401VSN680MQ20S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXH401VSN680MQ20S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life, Overvoltage resistant design, 105
LXH
Series
・Doesn't spark with DC over voltage
・Same case sizes of KMH
・Endurance with ripple current : 5,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
(at 20
℃, 1MHz)
Category
Temperature Range
Rated Voltage
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
ESL
DC Overvoltage Test
Endurance
Shelf Life
Items
-25 to +105
200 & 400Vdc
±20% (M)
I=0.02CV or 3mA, whichever is smaller.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
0.15 max.
Z(-25
℃) /Z(+20℃)≦4
50nH max.
When an excessive DC voltage is applied to the capacitors under the test conditions on next page, the vent shall operate and then the
capacitors shall become open-circuit without burning materials.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 or 3,000 hours at 105
.
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±15% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
◆DIMENSIONS [mm]
Terminal Code : VS (
φ22 to φ35)
*
4.0
±0.5
Vent
Sleeve (PET : Brown)
L
±2
Negative mark
PC board pin-out
2-
φ2
*
φD=35mm : 3.5±0.5mm
The standard design has no plastic disc.
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 68
µF:680, 1,500µF:152)
Dummy terminal code
Terminal code
Voltage code (ex. 200V:201, 400V:401)
Series code
Category
E L X H
V S N
S
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (snap-in type)"
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency Multipliers
50
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k
1.50
1.43
Frequency (Hz)
200Vdc
400Vdc
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
Downsized
Longer life
LXH
Downsized
KLG
CHA P255
257
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXH401VSN680MQ20S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXH401VSN680MQ20S CHEMI-CON-ELXH401VSN680MQ20S Datasheet
48Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXH401VSN680MQ20S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXH201VSN CHEMI-CON-ELXH201VSN Datasheet
398Kb / 2P
   Long life, Overvoltage resistant design, 105?
EKLG201E CHEMI-CON-EKLG201E Datasheet
403Kb / 2P
   Overvoltage resistant design, 105?
EKLG401E CHEMI-CON-EKLG401E Datasheet
403Kb / 2P
   Overvoltage resistant design, 105?
logo
RUBYCON CORPORATION
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA451LGC CHEMI-CON-ELXA451LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA501LGC CHEMI-CON-ELXA501LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com