Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-4812DGW Datasheet(PDF) 3 Page - Recom International Power

Part # RP40-4812DGW
Description  40 Watt Single, Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-4812DGW Datasheet(HTML) 3 Page - Recom International Power

  RP40-4812DGW Datasheet HTML 1Page - Recom International Power RP40-4812DGW Datasheet HTML 2Page - Recom International Power RP40-4812DGW Datasheet HTML 3Page - Recom International Power RP40-4812DGW Datasheet HTML 4Page - Recom International Power RP40-4812DGW Datasheet HTML 5Page - Recom International Power RP40-4812DGW Datasheet HTML 6Page - Recom International Power RP40-4812DGW Datasheet HTML 7Page - Recom International Power RP40-4812DGW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
full load and nominal input
±1.0% max.
Voltage Adjustability (9)
±10% max.
Line Voltage Regulation
low line to high line at full load
±0.2% max.
Load Voltage Regulation(10,11)
min. load to full load
Single
Dual
±0.5% max.
±1.0% max.
Cross Regulation
asymmetrical 25%/100% FL
±5.0% max.
Transient Response recovery time
25% load step change
250μs typ.
continued on next page
RP40-GW
Series
PD-3
REV.: 1/2016
www.recom-power.com
Notes:
Note9: For the single output: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is
not being use, the +Sense should be connected to its corresponding +Vout and likewise the -Sense should be
conneted to its corresponding -Vout.
Note10: The dual output required a minimum loading on the output to maintain specified regulation. Operation under no-
load condition will not damage these devices, however they may not meet all listed specification
Note11: Load regulation for dual output: Min load to 100% load balanced on all outputs.
External Output Trimming
Efficiency vs. Output Current
Efficiency vs. Input Voltage
18Vin
48Vin
75Vin
Output Current [%]
10
65
60
55
50
45
40
70
75
85
80
95
20
40
60
80
100
30
50
70
90
90
Input Voltage [VDC]
18
65
60
70
75
80
90
95
30
36
48
66
60
75
24
42
54
72
85
RP40-4805SGW
Output Voltage Trimming
Single output Powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external
trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for chosing these
trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to work out the resis tor
required or use a variable resistor to set the output voltage. Output can be externally trimmed by using the method shown below.
RU
4(7)
8(8)
RD
8(8)
5(4)
Trim up
Trim down


Similar Part No. - RP40-4812DGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-4812DGW RECOM-RP40-4812DGW Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
RP40-4812DGWN RECOM-RP40-4812DGWN Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
More results

Similar Description - RP40-4812DGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com