Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP60-2415SG Datasheet(PDF) 1 Page - Recom International Power

Part # RP60-2415SG
Description  60 Watt Single Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP60-2415SG Datasheet(HTML) 1 Page - Recom International Power

  RP60-2415SG Datasheet HTML 1Page - Recom International Power RP60-2415SG Datasheet HTML 2Page - Recom International Power RP60-2415SG Datasheet HTML 3Page - Recom International Power RP60-2415SG Datasheet HTML 4Page - Recom International Power RP60-2415SG Datasheet HTML 5Page - Recom International Power RP60-2415SG Datasheet HTML 6Page - Recom International Power RP60-2415SG Datasheet HTML 7Page - Recom International Power RP60-2415SG Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Regulated
Converters
• 2:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 91%
• Six-Sided Continuous Shield
• Available as Power Module (RPM60-G)
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP60-G series DC/DC converters deliver 60W of power in an industry standard 2” x2” package,
which also meets military standards for thermal shock and vibration tolerance. Sense pins allow the
output voltage at the point of load to be tightly regulated and automatically compensate for any voltage
drops that may occur across any connections.
E196683
60 Watt
2” x 2”
Single Output
RP60-G
Selection Guide
Part Number
Input
Output
Output
Input (1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP60-243.3SG(3,4)
18-36
3.3
14000
2163
89
36000
RP60-2405SG(3,4)
18-36
5
12000
2778
90
20400
RP60-2412SG(3,4)
18-36
12
5000
2778
90
3550
RP60-2415SG(3,4)
18-36
15
4000
2778
90
2300
RP60-483.3SG(3,4)
36-75
3.3
14000
1081
89
36000
RP60-4805SG(3,4)
36-75
5
12000
1374
91
20400
RP60-4812SG(3,4)
36-75
12
5000
1389
90
3550
RP60-4815SG(3,4)
36-75
15
4000
1389
90
2300
UL60950-1 Certified
Model Numbering
Ordering Examples
RP60-2405SG = 24V Input, 5V Output, Positive Logic CTRL pin.
RP60-4812SG/N-HC = 48V Input, 12V Output, Negative Logic CTRL pin, Heatsink fitted
Input Voltage
Output Voltage
Single
RP60-__ __ SG/_ _
Package(4)
Control Logic(3)
Notes:
Note3: no suffix for CTRL function with Positive Logic (1=ON, 0=OFF) and trim pin
add suffix “N” for CTRL function with Negative Logic (0=ON, 1=OFF) and trim pin
Note4: add suffix -HC for premounted heatsink and clips
Notes:
Note1: Typical value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistive load.


Similar Part No. - RP60-2415SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP60-2415SG RECOM-RP60-2415SG Datasheet
92Kb / 4P
   60 Watt 2??x 2??Single Output
RP60-2415SGN RECOM-RP60-2415SGN Datasheet
92Kb / 4P
   60 Watt 2??x 2??Single Output
More results

Similar Description - RP60-2415SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
   60 Watt Single Output
RAC60-24SB RECOM-RAC60-24SB Datasheet
98Kb / 2P
   60 Watt Single Output
RAC60-SB RECOM-RAC60-SB Datasheet
100Kb / 2P
   60 Watt Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
   60 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
logo
Murata Power Solutions ...
VKA60LS03C MURATA-PS-VKA60LS03C Datasheet
219Kb / 4P
   60 Watt Single Output Half Brick
logo
Recom International Pow...
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
   40/60/100 Watt Single Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com