Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP40-24xxDGW Datasheet(PDF) 2 Page - Recom International Power

Part # RP40-24xxDGW
Description  40 Watt Single, Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-24xxDGW Datasheet(HTML) 2 Page - Recom International Power

  RP40-24xxDGW Datasheet HTML 1Page - Recom International Power RP40-24xxDGW Datasheet HTML 2Page - Recom International Power RP40-24xxDGW Datasheet HTML 3Page - Recom International Power RP40-24xxDGW Datasheet HTML 4Page - Recom International Power RP40-24xxDGW Datasheet HTML 5Page - Recom International Power RP40-24xxDGW Datasheet HTML 6Page - Recom International Power RP40-24xxDGW Datasheet HTML 7Page - Recom International Power RP40-24xxDGW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP40-GW
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin= 24V
nom. Vin= 48V
9VDC
18VDC
24VDC
48VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Input Filter(5)
Pi-Type
Input Reflected Ripple Current(6)
nominal Vin and full load
20mAp-p
Input Surge Voltage
Vin= 24V, 100ms max.
Vin= 48V, 100ms max.
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
20ms
20ms
Operating Frequency Range(7)
270kHz
300kHz
330kHz
Minimum Load
of full load
0%
10%
Ripple and Noise
measured by 20MHz bandwidth
Single 3.3V, 5V
Single 12V, 15V
50mVp-p
75mVp-p
Dual 12Vout
Dual 15Vout
120mVp-p
150mVp-p
Remote ON/OFF(8)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 12V
Input current of Remote pin (CTRL)
24Vin
48Vin
DC-DC OFF
DC-DC OFF
10mA
5mA
DC-DC ON
-0.5mA
0.5mA
continued on next page
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note5: An external filter capacitor is required for normal operation. The capacitor should be
capable of handing 1A ripple current for 48V/24V models.
RECOM suggest: Nippon chemi-con KY series, 220μF/100V, ESR 90m
Ω.
Note6: Simulated source impedance of 12μH. 12μH inductor in series with +Vin.
Note7: Operating frequency for dual output: master (5Vout) 300KHz slave (3.3Vout) 500KHz.
Note8: The ON/OFF control pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
24Vin
36Vin
Output Current [%]
10
75
80
85
40
45
50
55
60
65
70
95
20
40
60
80
100
30
50
70
90
90
Input Voltage [VDC]
9
83
84
85
87
86
88
90
15
18
24
33
30
36
12
21
27
89
RP40-2405SGW


Similar Part No. - RP40-24xxDGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-240512TE RECOM-RP40-240512TE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-240512TE RECOM-RP40-240512TE Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-240512TG RECOM-RP40-240512TG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP40-240512TG RECOM-RP40-240512TG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-240512TG RECOM-RP40-240512TG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-24xxDGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com