Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451A Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5451A
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic CS5451A Datasheet HTML 11Page - Cirrus Logic CS5451A Datasheet HTML 12Page - Cirrus Logic CS5451A Datasheet HTML 13Page - Cirrus Logic CS5451A Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CS5451A
DS635PP1
11
interface (after each A/D conversion cycle). Note:
SCLK is not active during FSO high.
For 96 SCLK periods after FSO falls, SCLK is ac-
tive and SDO produces valid output. Six channels
of 16 bit data are output, MSB first. Voltage and
current measurements are output (in that order) for
three phases. SCLK will then be held low until the
next sample period.
3.5
System Initialization
When power to the CS5451A is applied, the chip
must be held in a reset condition using the RESET
input.
A hardware reset is initiated when the RESET pin
is forced low with a minimum pulse width of 50 ns.
3.6
Analog Inputs
The analog inputs of the CS5451A are bipolar volt-
age inputs: Three voltage channel inputs VIN(1-3)
and three current channel inputs IIN(1-3). The
CS5451A accommodates a full scale range of
80 mVP-P or 1. 6VP-P on the Current Channels and
1.6 VP-P on the Voltage Channels.
3.7
Voltage Reference
The CS5451A is specified for operation with a +1.2
V reference between the VREFIN and AGND pins.
The converter includes an internal 1.2 V reference
SCLK
FSO
SDO
Channel 1 V
Channel 2 I
Channel 3 I
Channel 2 V
Channel 3 V
Channel 1 I
Each data segment
is 16 bits long.
96 SCLKs
Figure 3. Serial Port Data Transfer
SCLK
FSO
SDO
12
15
14
13
0
1
2
3
4
5
6
7
8
9
10
11
15
14
13 12 11 10 9
8
7
65
4
321
Channel 1 ( I )
Channel 1 ( V )
01 5 1 4
. . .
Ch. 2 ( V )
Ch. 2 ( I )
Ch. 3 ( V )
Ch. 3 ( I )
...
...
...
. . .
. . .
. . .
[ Undefined ]
[ Undefined ]
. . .
. . .
. . .
0
1
2
3
96 SCLKs
Figure 4. Close-up of One Data Frame


Similar Part No. - CS5451A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-IS CIRRUS-CS5451A-IS Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
More results

Similar Description - CS5451A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
   DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com