Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM60-24xxSG Datasheet(PDF) 1 Page - Recom International Power

Part # RPM60-24xxSG
Description  15-60 Watt Single, Dual & Triple Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPM60-24xxSG Datasheet(HTML) 1 Page - Recom International Power

  RPM60-24xxSG Datasheet HTML 1Page - Recom International Power RPM60-24xxSG Datasheet HTML 2Page - Recom International Power RPM60-24xxSG Datasheet HTML 3Page - Recom International Power RPM60-24xxSG Datasheet HTML 4Page - Recom International Power RPM60-24xxSG Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Regulated
Converters
• Class B EMC Filter built-in
• Reverse Polarity Protected
• Inrush Current Limiting (Soft Start)
• Output Trim Potentiometer
• Output LED Indicator
• DIN Rail Mounting or Panel Mount Options
PD-1
REV.: 0/2016
www.recom-power.com
DC/DC Converter
Power Module
3 YEAR
warranty
3
Description
The Recom Power Module takes a standard 15W-60W converter and mounts it on a PCB with screw ter-
minals, an EMC filter, input protection circuitry and a built-in heatsink to offer a complete power module
that can be mounted on a bulkhead or on a standard DIN rail. The Power Module is primarily designed
for transport applications such as a GPS vehicle tracking power supply or a radio communications power
supply, but will also find many uses in industrial, communications or battery-powered applications.
15-60 Watt
Single,
Dual & Triple
Outputs
Power Modules
Selection Guide Single and Dual Outputs - Panel Mount Version
Power Module
Input
Output
Internal
Converter
Part Number
Range
Power
Fuse
Series
(Bulkhead Version)
(VDC)
(W)
(Replaceable)
RPM15-24xxS_DFW(1,2)
9.5-36
15
T6A
RP15-24xxS_DFW
RPM15-48xxS_DFW(1,2)
18-75
15
T4A
RP15-48xxS_DFW
RPM20-24xxS_DFW(1,3)
9.5-36
20
T6A
RP20-24xxS_DFW
RPM20-48xxS_DFW(1,3)
18-75
20
T4A
RP20-48xxS_DFW
RPM30-12xxS_DE(3)
9.5-18
30
T6A
RP30-12xxS_DE
RPM30-24xxS_DE(3)
18-36
30
T6A
RP30-24xxS_DE
RPM30-24xxS_DEW(1,3)
10-40
30
T6A
RP30-24xxS_DEW
RPM30-48xxS_DE(3)
36-75
30
T4A
RP30-48xxS_DE
RPM30-48xxS_DEW(1,3)
18-75
30
T4A
RP30-48xxS_DEW
RPM40-12xxS_DG(3)
9.5-18
40
T8A
RP40-12xxS_DG
RPM40-24xxS_DG(3)
18-36
40
T8A
RP40-24xxS_DG
RPM40-24xxS_DGW(1,3)
9.5-36
40
T8A
RP40-24xxS_DGW
RPM40-48xxS_DG(3)
36-75
40
T4A
RP40-48xxS_DG
RPM40-48xxS_DGW(1,3)
18-75
40
T4A
RP40-48xxS_DGW
RPM60-24xxSG(1,3)
18-36
60
T8A
RP60-24xxSG
RPM60-48xxSG(1,3)
36-75
60
T4A
RP60-48xxSG
IEC60950-1 Certified
EN60950-1 Certified
How to use this datasheet:
1. Select the converter that suits your application from the converter series list below
2. Decide on DIN Mount (RPMD) or bulkhead (RPM) version
Ordering example: 40W, 18-75 VDC in, single 12V out, DIN Mount = RPMD40-4812SGW
xx = Output Voltage Options Single Outputs: 3.3S = 3.3V 05S = 5V 12S = 12V 15S = 15V
Dual Outputs: 12D = ±12V 15D = ±15V
Refer to converter series datasheets for detailed information.
Notes:
Note1: add „/N“ for Negative CTRL Logic
Note2: add „/P“ for Positive CTRL Logic
Note3: no suffix for Positive CTRL Logic


Similar Part No. - RPM60-24xxSG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM60-24xxSG RECOM-RPM60-24xxSG Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
More results

Similar Description - RPM60-24xxSG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
logo
Wall Industries,Inc.
PSANC WALL-PSANC Datasheet
159Kb / 3P
   15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com