Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR30-11005S-B Datasheet(PDF) 6 Page - Recom International Power

Part # RPR30-11005S-B
Description  30 Watt 4:1 Baseplate Style Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR30-11005S-B Datasheet(HTML) 6 Page - Recom International Power

  RPR30-11005S-B Datasheet HTML 1Page - Recom International Power RPR30-11005S-B Datasheet HTML 2Page - Recom International Power RPR30-11005S-B Datasheet HTML 3Page - Recom International Power RPR30-11005S-B Datasheet HTML 4Page - Recom International Power RPR30-11005S-B Datasheet HTML 5Page - Recom International Power RPR30-11005S-B Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RPR-6
REV.: 3/2016
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RPR30-11005S-B
Series
in
5
µH 50Ω
LISN
out
rcvr
rcvr
in
5
µH 50Ω
LISN
out
+
-
DC
Power
Source
1m Twisted Pair
50 Ohm temination
Printed Circuit Board
Resistive
Load
Optional Connection
to Earth Ground
50 Ohm input
Filter
(if used)
Computer
EMC
Reciever
Test Set-up
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Tube
200.0 x 55.0 x 20.0mm
Packaging Quantity
4pcs
Storage Temperature Range
-55°C to +125°C


Similar Part No. - RPR30-11005S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-11005S RECOM-RPR30-11005S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
More results

Similar Description - RPR30-11005S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR50-11012S-B RECOM-RPR50-11012S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPP30-2412S RECOM-RPP30-2412S Datasheet
685Kb / 6P
   30 Watt 2:1 Ribbed Style Single Output
RPP30-2405S RECOM-RPP30-2405S Datasheet
684Kb / 5P
   30 Watt 2:1 Ribbed Style Single Output
RPP40-2405SW RECOM-RPP40-2405SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP40-2412SW RECOM-RPP40-2412SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP30-2424SW RECOM-RPP30-2424SW Datasheet
127Kb / 6P
   30 Watt 4:1 Single Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com