Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR50-11005S-B Datasheet(PDF) 2 Page - Recom International Power

Part # RPR50-11005S-B
Description  50 Watt 4:1 Baseplate Style Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR50-11005S-B Datasheet(HTML) 2 Page - Recom International Power

  RPR50-11005S-B Datasheet HTML 1Page - Recom International Power RPR50-11005S-B Datasheet HTML 2Page - Recom International Power RPR50-11005S-B Datasheet HTML 3Page - Recom International Power RPR50-11005S-B Datasheet HTML 4Page - Recom International Power RPR50-11005S-B Datasheet HTML 5Page - Recom International Power RPR50-11005S-B Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
50% load
±1.5% max.
Line Voltage Regulation
low line to high line
±0.3% max.
Load Voltage Regulation
10% to 100% load
±0.5% max.
Transient Recovery Time
25% load step change,
ΔIo/Δt=2.5A/us
800µs typ.
Transient Peak Deviation
25% load step change,
ΔIo/Δt=2.5A/us
±2%Vout max.
Trimming Output Voltage
±10% typ.
Only the single output converters have a trim function that allows users to adjust the output voltage from +10% to -10%, please refer to
the trim table that follow for details. Adjustment to the output voltage can be used with a simple fixed resistor as shown in Figures 1 and 2.
A single fixed resistor can increase or decrease the output voltage depending on its connection. Resistor should be located close to the converter.
If the trim function is not used, leave the trim pin open.
Trim adjustments higher than the specified range can have an adverse effect on the converter´s performance and are not recommended.
Excessive voltage differences between output voltage sense voltage, in conjunction with trim adjustment of the output voltage; can cause
the OVP circuitry to activate. Thermal derating is based on maximum output current and voltage at the converter´s output pins. Use of
the trim and sense function can cause output voltages to increase, thereby increasing output power beyond the converter´s specified rating.
Therefore: (Vout at Pins) X (Iout)
≤ rated output power.
Trimming Output Voltage
RPR-2
REV.: 3/2016
www.recom-power.com
RPR50-11005S-B
Series
PROTECTIONS
Parameter
Condition
Value
Surge Resistance
≤10ms
250VDC
Output Power Protection (OPP) (2)
Hiccup Mode
120% typ.
Over Voltage Protection (OVP)
10% load
120% typ.
Over Temperature Protection (OTP)
case temperature
120°C, auto-recovery
Isolation Voltage
I/P to O/P, at 70% RH
I/P to Case, O/P to Case
2250VDC / 1 Minute
1500VDC / 1 Minute
Isolation Resistance
I/P to O/P , at 70% RH
100M
W min.
Isolation Capacitance
I/P to O/P
330pF typ.
Trim up register value (K
W)
Vout
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
5VDC 109.7 51
31.2 20.3 14.2 9.87
7.1
5.0
3.38 2.08
Trim down register value (K
W)
Vout
-1%
-2%
-3%
-4%
-5%
-6%
-7%
-8%
-9% -10%
5VDC 109.7 51
31.2 20.3 14.2 9.87
7.1
5.0
3.38 2.08
Figure 2. Trim connections to decrease output
voltage using fixed resistors
Figure 1. Trim connections to increase
output voltage using fixed resistors
+VIN
-VIN
CTRL
+VOUT
RTRIMUP
-VOUT
TRIM
LOAD
+VIN
-VIN
CTRL
+VOUT
RTRIMDOWN
-VOUT
TRIM
LOAD
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
Notes:
Note2:
combines Over Load Protection and Short Circuit Protection
Note3:
This Power Module is not internally fused. A input fuse must be always used. Recommended Fuse: T2A


Similar Part No. - RPR50-11005S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11005S RECOM-RPR50-11005S Datasheet
196Kb / 6P
   50 Watt Single & Dual Output
More results

Similar Description - RPR50-11005S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11012S-B RECOM-RPR50-11012S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR30-11005S-B RECOM-RPR30-11005S-B Datasheet
587Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPP40-2405SW RECOM-RPP40-2405SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP40-2412SW RECOM-RPP40-2412SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP30-2412S RECOM-RPP30-2412S Datasheet
685Kb / 6P
   30 Watt 2:1 Ribbed Style Single Output
RPP30-2405S RECOM-RPP30-2405S Datasheet
684Kb / 5P
   30 Watt 2:1 Ribbed Style Single Output
logo
CINCON ELECTRONICS Corp...
CQE50W CINCON-CQE50W Datasheet
545Kb / 2P
   50 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com