Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXS451VSN271MQ45S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # ELXS451VSN271MQ45S
Description  Long life snap-ins, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXS451VSN271MQ45S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  ELXS451VSN271MQ45S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXS451VSN271MQ45S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXS451VSN271MQ45S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
LXS
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
tan
δ
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
400
390
390
390
470
470
560
560
560
680
820
100
120
120
150
180
180
180
220
220
220
270
270
270
270
330
330
330
390
390
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
82
120
120
120
150
150
180
180
180
220
220
220
220
270
270
270
270
330
390
390
390
470
470
560
100
120
120
150
180
180
220
220
270
270
330
390
470
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.64
0.81
0.83
0.81
0.94
0.93
1.06
1.06
1.06
1.20
1.20
1.18
1.24
1.36
1.38
1.34
1.40
1.52
1.70
1.73
1.71
1.95
1.99
2.22
0.82
0.91
0.88
1.04
1.17
1.10
1.33
1.23
1.50
1.42
1.60
1.78
2.03
ELXS451VSN820MP25S
ELXS451VSN121MP30S
ELXS451VSN121MP35S
ELXS451VSN121MQ25S
ELXS451VSN151MP40S
ELXS451VSN151MQ30S
ELXS451VSN181MP45S
ELXS451VSN181MQ35S
ELXS451VSN181MR25S
ELXS451VSN221MP50S
ELXS451VSN221MQ40S
ELXS451VSN221MR30S
ELXS451VSN221MA25S
ELXS451VSN271MQ45S
ELXS451VSN271MQ50S
ELXS451VSN271MR35S
ELXS451VSN271MA30S
ELXS451VSN331MR40S
ELXS451VSN391MR45S
ELXS451VSN391MR50S
ELXS451VSN391MA35S
ELXS451VSN471MA40S
ELXS451VSN471MA45S
ELXS451VSN561MA50S
ELXS501VSN101MR25S
ELXS501VSN121MR30S
ELXS501VSN121MA25S
ELXS501VSN151MR35S
ELXS501VSN181MR40S
ELXS501VSN181MA30S
ELXS501VSN221MR45S
ELXS501VSN221MA35S
ELXS501VSN271MR50S
ELXS501VSN271MA40S
ELXS501VSN331MA45S
ELXS501VSN391MA50S
ELXS501VSN471MA60S
1.66
1.61
1.68
1.82
1.88
2.04
2.07
2.13
2.40
2.69
0.70
0.81
0.81
0.93
1.04
1.02
1.06
1.17
1.20
1.18
1.33
1.36
1.31
1.38
1.52
1.48
1.55
1.66
1.70
ELXS401VSN391MQ50S
ELXS401VSN391MR35S
ELXS401VSN391MA30S
ELXS401VSN471MR40S
ELXS401VSN471MA35S
ELXS401VSN561MR45S
ELXS401VSN561MR50S
ELXS401VSN561MA40S
ELXS401VSN681MA45S
ELXS401VSN821MA50S
ELXS421VSN101MP25S
ELXS421VSN121MP30S
ELXS421VSN121MQ25S
ELXS421VSN151MP35S
ELXS421VSN181MP40S
ELXS421VSN181MQ30S
ELXS421VSN181MR25S
ELXS421VSN221MP45S
ELXS421VSN221MP50S
ELXS421VSN221MQ35S
ELXS421VSN271MQ40S
ELXS421VSN271MQ45S
ELXS421VSN271MR30S
ELXS421VSN271MA25S
ELXS421VSN331MQ50S
ELXS421VSN331MR35S
ELXS421VSN331MA30S
ELXS421VSN391MR40S
ELXS421VSN391MR45S
25.4
×50
30
×35
35
×30
30
×40
35
×35
30
×45
30
×50
35
×40
35
×45
35
×50
22
×25
22
×30
25.4
×25
22
×35
22
×40
25.4
×30
30
×25
22
×45
22
×50
25.4
×35
25.4
×40
25.4
×45
30
×30
35
×25
25.4
×50
30
×35
35
×30
30
×40
30
×45
22
×25
22
×30
22
×35
25.4
×25
22
×40
25.4
×30
22
×45
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
35
×25
25.4
×45
25.4
×50
30
×35
35
×30
30
×40
30
×45
30
×50
35
×35
35
×40
35
×45
35
×50
30
×25
30
×30
35
×25
30
×35
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
35
×60
420
WV
(Vdc)
Cap
Case size
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
450
500
φD×L(mm)
tan
δ
(
µF)
390
470
470
560
680
35
×35
30
×50
35
×40
35
×45
35
×50
0.20
0.20
0.20
0.20
0.20
1.71
1.90
1.95
2.17
2.45
ELXS421VSN391MA35S
ELXS421VSN471MR50S
ELXS421VSN471MA40S
ELXS421VSN561MA45S
ELXS421VSN681MA50S
◆RATED RIPPLE CURRENT MULTIPLIERS
160 to 250Vdc
315 to 450Vdc
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
1.50
1.43
0.70
1.00
1.16
1.30
1.41
1.43
Frequency Multipliers
500Vdc
50k
Frequency (Hz)
50
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
248
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXS451VSN271MQ45S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS451VSN271MQ45S ETC2-ELXS451VSN271MQ45S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXS451VSN271MQ45S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG350VSN CHEMI-CON-ELXG350VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS161VSN CHEMI-CON-ELXS161VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS401VSN CHEMI-CON-ELXS401VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS181VSN CHEMI-CON-ELXS181VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS251VSN CHEMI-CON-ELXS251VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG101VSN CHEMI-CON-ELXG101VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXG250VSN CHEMI-CON-ELXG250VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS201VSN CHEMI-CON-ELXS201VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS501VSN CHEMI-CON-ELXS501VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com