Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPR50-11012S-B Datasheet(PDF) 4 Page - Recom International Power

Part # RPR50-11012S-B
Description  50 Watt 4:1 Baseplate Style Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR50-11012S-B Datasheet(HTML) 4 Page - Recom International Power

  RPR50-11012S-B Datasheet HTML 1Page - Recom International Power RPR50-11012S-B Datasheet HTML 2Page - Recom International Power RPR50-11012S-B Datasheet HTML 3Page - Recom International Power RPR50-11012S-B Datasheet HTML 4Page - Recom International Power RPR50-11012S-B Datasheet HTML 5Page - Recom International Power RPR50-11012S-B Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC/DC Converter
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard / Edition
IEC/EN General Safety
SPCLVD1108088-1
IEC/EN-60950-1 2nd Edition
Certificate Type (Environmental)
Conditions
Standard / Criterion
EMI (4)
ESD
Radiated Immunity
Fast Transient
Surge
Conducted Immunity
Vibration
Thermal Cycling (complies with MIL-STD-810F)
Shock
with external Filter
±8kV Air Discharge, ±6kV Contact Discharge
Level 3, 10V/M
±4kV Applied
±4kV Applied
Level 3, 10V rms
50-150Hz, along X,Y and Z
12 cycles
5g / 30ms
EN-55022, Class A
EN-61000-4-2, Criteria B
EN-61000-4-3, Criteria A
EN-61000-4-4, Criteria B
EN-61000-4-5, Criteria B
EN-61000-4-6, Criteria A
EN-60068-2-6
EN-60068-2-14
EN-60068-2-27
RPR-4
REV.: 2/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RPR50-11012S-B
Series
Soldering
Hand Soldering
Hand Soldering is the least preferred method because the amount of
solder applied, the time the soldering iron is held on the joint, the
temperature of the iron and the temperature of the solder joint are
variable.
The recommended hand soldering guideline is listed in Table 1. The
suggested soldering process must keep the power module’s internal
temperature below the critical temprature of 217°C continuously.
Wave Soldering
High temperature and long soldering time will result in IMC layer
increasing in thickness and thereby shorten the solder joint lifetime.
Therefore the peak temperature over 245°C is not suggested due
to the potential reliability risk of components under continuous high-
temperature. In the meanwhile, the soldering time of temperature
above 217°C should be less than 90 seconds. Please refer to the sol-
dering profile below for recommended temperature profile parameters.
Temp
Time
Peak Temp. 240 - 245°C
Ramp downmax. 4°C/sec
Time Limited 90sec.above 217°C
Ramp upmax. 3°C/sec
Preheat time100-140 sec.
217°C
200°C
150°C
25°C
Table 1 Hand-Soldering Guideline
Parameter
Single-side
Circuit Boad
Double-side
Circuit Board
Multi-layers
Circuit Board
Soldering
Iron Wattage
90W
90W
90W
Tip
Temperature
385 ±10°C
420 ±10°C
420 ±10°C
Soldering Time
2-6 seconds
4-10 seconds
4-10 seconds
+VIN
C1
D1
L1
UR1
-VIN
C2
C3
C4
C5
C9
C8
C6
C7
Load
EMC Filtering - Suggestions
It is recommended to add UR1 and D1 in railway application.
C1 can be modified for required EMI standards.
To meet EN61000-4-2, module case should be earth
grounded. We offer independent case pin option on
request, the location is upon pin 1.
Standard
UR1
D1
C1
C2, C3, C4, C5
EN61000-4-2, 3, 4, 5, 6
MOV 14D361K
200V / 3A
680µF / 250V
471pF / 3kV
Notes:
Note4:
C1 is recommended to meet EMI Class A.


Similar Part No. - RPR50-11012S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11012S RECOM-RPR50-11012S Datasheet
196Kb / 6P
   50 Watt Single & Dual Output
More results

Similar Description - RPR50-11012S-B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
   50 Watt 4:1 Baseplate Style Single Output
RPR30-11005S-B RECOM-RPR30-11005S-B Datasheet
587Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
RPP40-2405SW RECOM-RPP40-2405SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP40-2412SW RECOM-RPP40-2412SW Datasheet
684Kb / 5P
   40 Watt 4:1 Ribbed Style Single Output
RPP30-2412S RECOM-RPP30-2412S Datasheet
685Kb / 6P
   30 Watt 2:1 Ribbed Style Single Output
RPP30-2405S RECOM-RPP30-2405S Datasheet
684Kb / 5P
   30 Watt 2:1 Ribbed Style Single Output
logo
CINCON ELECTRONICS Corp...
CQE50W CINCON-CQE50W Datasheet
545Kb / 2P
   50 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com