Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFX240 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # RFX240
Description  2.4GHz High Power 802.11n WLAN Linear Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX240 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  RFX240 Datasheet HTML 1Page - Skyworks Solutions Inc. RFX240 Datasheet HTML 2Page - Skyworks Solutions Inc. RFX240 Datasheet HTML 3Page - Skyworks Solutions Inc. RFX240 Datasheet HTML 4Page - Skyworks Solutions Inc. RFX240 Datasheet HTML 5Page - Skyworks Solutions Inc. RFX240 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX240
Production Data Sheet
ABSOLUTE MAXIMUM RATINGS
Parameters
Min
Max
Units
Conditions
DC VCC Voltage Supply
0
6.0
V
All VCC Pins
DC Control Pin Voltage
0
3.6
V
All Control Pins
DC VCC Current Consumption
800
mA
VCC Pins when PA is Enabled
TX RF Input Power
+10
dBm
ANT RF Input Power
+10
dBm
Junction Temperature
150
°C
Storage Ambient Temperature
-50
+150
°C
Appropriate care required according to JEDEC
Standards
Operating Ambient Temperature
-40
+85
°C
All Operating Modes
ESD Voltage (HBM)
1000
V
Human Body Model
Note: Sustained operation at or above the Absolute Maximum Ratings for any single or combinations of the above
parameters may result in permanent damage to the device and is not recommended. All Maximum RF Input Power
Ratings assume 50-Ohm terminal impedance.
GENERAL CHARACTERISTICS
Parameters
Min
Typ
Max
Units
Conditions
Operating Frequency
2.4
2.5
GHz
DC VDD Voltage Supply (Note 1)
3.6
5.0
5.5
V
All VDD Pins
Control Voltage “High”
1.2
3.6
V
Control Voltage “Low”
0
0.3
V
Control Pin Current Consumption
1
μA
DC Shutdown Current
5
μA
PA Turn On/Off Time
1
µsec
ja (Note 2)
25
oC/W
Input Single-Ended Impedance
50
Note 1 – For normal operation of the RFX240, VDD must be continuously applied to all VDD supply pins.
Note 2 – For operation above +85
⁰C, use the
ja as guidance for system design to assure the junction temperature will
not exceed the maximum of +150
⁰C.


Similar Part No. - RFX240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX2401C SKYWORKS-RFX2401C Datasheet
1Mb / 10P
   CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
   CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
More results

Similar Description - RFX240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
   2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
SE2605L SKYWORKS-SE2605L Datasheet
644Kb / 11P
   High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
Microchip Technology
SST12LP07E MICROCHIP-SST12LP07E Datasheet
88Kb / 2P
   2.4GHz WLAN 11b/g/n Power
8/3/2016
logo
Fairchild Semiconductor
FMPA2300 FAIRCHILD-FMPA2300 Datasheet
540Kb / 9P
   2.3-2.4GHz WiMax/WiBro Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com