Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1354B-225AI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1354B-225AI
Description  9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354B-225AI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1354B-225AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 12Page - Cypress Semiconductor CY7C1354B-225AI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CY7C1354B
CY7C1356B
Document #: 38-05114 Rev. *C
Page 9 of 29
Truth Table[1, 2, 3, 4, 5, 6, 7]
Operation
Address
Used
CE ZZ
ADV/LD
WE BWx
OE
CEN CLK
DQ
Deselect Cycle
None
H
L
L
X
X
X
L
L-H
Three-State
Continue
Deselect Cycle
None
X
L
H
X
X
X
L
L-H
Three-State
Read Cycle
(Begin Burst)
External
L
L
L
H
X
L
L
L-H
Data Out (Q)
Read Cycle
(Continue Burst)
Next
X
L
H
X
X
L
L
L-H
Data Out (Q)
NOP/Dummy
Read
(Begin Burst)
External
L
L
L
H
X
H
L
L-H
Three-State
Dummy Read
(Continue Burst)
Next
X
L
H
X
X
H
L
L-H
Three-State
Write Cycle
(Begin Burst)
External
L
L
L
L
L
X
L
L-H
Data In (D)
Write Cycle
(Continue Burst)
Next
X
L
H
X
L
X
L
L-H
Data In (D)
NOP/WRITE
ABORT
(Begin Burst)
None
L
L
L
L
H
X
L
L-H
Three-State
WRITE ABORT
(Continue Burst)
Next
X
L
H
X
H
X
L
L-H
Three-State
IGNORE
CLOCK EDGE
(Stall)
Current
X
L
X
X
X
X
H
L-H
-
Sleep MODE
None
X
H
X
X
X
X
X
X
Three-State
Notes:
1. X = “Don't Care”, 1 = Logic HIGH, 0 = Logic LOW, CE stands for ALL Chip Enables active. BWx = 0 signifies at least one Byte Write Select is active, BWx =
Valid signifies that the desired Byte Write Selects are asserted, see Write Cycle Description table for details.
2. Write is defined by WE and BW[a:d]. See Write Cycle Description table for details.
3. When a write cycle is detected, all I/Os are three-stated, even during Byte Writes.
4. The DQ and DQP pins are controlled by the current cycle and the OE signal.
5. CEN = H inserts wait states.
6. Device will power-up deselected and the I/Os in a three-state condition, regardless of OE.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQP[a:d] = Three-state when
OE is inactive or when the device is deselected, and DQs = data when OE is active.


Similar Part No. - CY7C1354B-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354BV25-166 CYPRESS-CY7C1354BV25-166 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354BV25-200 CYPRESS-CY7C1354BV25-200 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354BV25-225 CYPRESS-CY7C1354BV25-225 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1354B-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com