Electronic Components Datasheet Search |
|
JFG Datasheet(PDF) 1 Page - jb Capacitors Company |
|
JFG Datasheet(HTML) 1 Page - jb Capacitors Company |
1 / 4 page JFGA: AXIAL LEAD, METALLIZED POLYESTER FILM CAPACITOR – CYCLOIDAL FEATURES Ø JFGA is constructed with metallized polyester film as medium and electricode, wrapped and sealed with flame-retardant plastic and epoxy resin. With high reliability, high temperature-resistance, small volume, large capacity and good self-healing property. Ø Mainly used in instruments and the DC & AC circuit of the household equipment and the fractional frequency circuit of acoustics system. SPECIFICATIONS Operating Temperature -40℃~ +105℃ Rated Voltage 100V, 250V, 400V, 630V.DC Withstand Voltage 1.6UR 2s (1.5UR 5s) Capacitance Range 0.033 ~ 68μF Capacitance Tolerance ± 5%, ±10% Insulation Resistance C≤0.33μF VR≤100V(10V)≥7500MΩ VR>100V ≥15000 MΩ C>0.33μF VR≤100V(10V)≥2500S VR>100V ≥5000S Dissipation Factor C<1μF ≤0.013 10KHz 1μF<C≤10μF ≤0.008 1KHz C>10μF ≤0.010 1KHz DRAWING STANDARD SIZE (mm) VDC Mfd 100VDC 250VDC 400VDC 630VDC L D d L D d L D d L D d 333 0.033 -- -- -- -- -- -- -- -- 15.5 7.0 0.6 473 0.047 -- -- -- -- -- -- 20.0 6.0 0.6 20.5 7.5 0.6 683 0.068 -- -- -- -- -- -- 20.0 6.5 0.6 20.5 8.5 0.8 104 0.1 15.0 6.5 0.6 15.0 6.5 0.6 20.0 7.5 0.6 20.5 8.0 0.6 224 0.22 15.0 6.5 0.6 15.0 6.5 0.6 20.0 9.5 0.8 25.0 11.5 0.8 334 0.33 15.0 8.0 0.6 20.0 7.5 0.6 20.5 9.5 0.8 26.0 9.5 0.8 474 0.47 20.0 7.0 0.6 20.0 8.5 0.8 26.0 9.0 0.8 31.0 14.0 0.8 684 0.68 20.0 7.5 0.6 20.0 10.0 0.8 26.0 10.5 0.8 32.0 11.5 0.8 105 1.0 20.0 9.0 0.8 25.0 10.0 0.8 31.0 14.0 0.8 32.0 14.5 0.8 225 2.2 25.0 11.0 0.8 31.0 12.0 0.8 37.5 14.5 0.8 37.5 17.5 0.8 335 3.3 25.0 14.0 0.8 31.0 14.5 0.8 37.5 17.5 0.8 47.5 19.0 0.8 475 4.7 31.0 13.5 0.8 31.0 17.5 0.8 37.5 20.0 1.0 47.5 22.0 1.0 565 5.6 31.0 15.0 0.8 31.0 19.5 0.8 47.0 17.0 0.8 57.5 21.0 1.0 685 6.8 31.0 16.0 0.8 46.0 16.0 0.8 57.5 18.5 0.8 57.5 23.0 1.0 825 8.2 31.0 17.5 0.8 46.0 17.5 0.8 57.5 20.0 1.0 57.5 25.0 1.0 106 10.0 31.0 19.0 0.8 46.0 19.5 0.8 57.5 22.5 1.0 57.5 27.5 1.0 156 15.0 46.0 18.0 0.8 46.0 24.0 1.0 57.5 26.5 1.0 67.5 30.0 1.0 226 22.0 46.0 22.0 1.0 46.0 29.0 1.0 57.5 31.5 1.0 -- -- -- 336 33.0 56.0 23.5 1.0 56.0 30.0 1.0 -- -- -- -- -- -- 476 47.0 56.0 29.0 1.0 58.0 37.0 1.0 -- -- -- -- -- -- 686 68.0 58.0 33.0 1.0 61.0 41.0 1.0 -- -- -- -- -- -- Please visit our website to get more update data, those data & specification are subject to change without notice. Axial Met Polyester & Polypropylene Film Capacitor – JFG www.jbcapacitors.com www.jbcapacitors.hk E-mail: info@jbcapacitors.com Tel : (852)2790 5091 Fax: (852)8169 8283 |
Similar Part No. - JFG_16 |
|
Similar Description - JFG_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |