Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20U-1203SC Datasheet(PDF) 2 Page - AIMTEC

Part # AM20U-1203SC
Description  20 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20U-1203SC Datasheet(HTML) 2 Page - AIMTEC

  AM20U-1203SC Datasheet HTML 1Page - AIMTEC AM20U-1203SC Datasheet HTML 2Page - AIMTEC AM20U-1203SC Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
85
VISIT US AT WWW.AIMTEC.CA
AM20U-C Series
Continued on next page
BLOCK DIAGRAM
DERATING
TRIMMING
Single Output
Dual Output
Triple Output
Pin
Triple
Single
Dual
On/Off
-V Input
+V Input
Trim
-V Output
+V Output
N.C.
On/Off
-V Input
+V Input
Trim
-V Output
Common
+V Output
On/Off
-V Input
+V Input
-V Output
Common
+5V Output
+V Ouput
1
2
3
4
5
6
7
OUTLINE DIMENSIONS
& PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)


Similar Part No. - AM20U-1203SC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
548Kb / 2P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
546Kb / 2P
   Axial Molded Inductors
AM20-101K-RC ALLIED-AM20-101K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
More results

Similar Description - AM20U-1203SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-C AIMTEC-AM20E-C Datasheet
284Kb / 2P
   20 watt dc-dc converters
logo
TRACO Electronic AG
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
   DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
   20 WATT WIDE INPUT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
   DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
logo
CINCON ELECTRONICS Corp...
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-110 CINCON-EC7BW-110 Datasheet
212Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC4SBW CINCON-EC4SBW Datasheet
287Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1500 ETC1-UM1500 Datasheet
294Kb / 2P
   UM1500 SERIES, 15 to 20 Watt DC-DC Converters
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC7B CINCON-EC7B Datasheet
216Kb / 2P
   20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com