Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP150H Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NLP150H
Description  Single, dual, triple and quad output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP150H Datasheet(HTML) 3 Page - Artesyn Technologies

  NLP150H Datasheet HTML 1Page - Artesyn Technologies NLP150H Datasheet HTML 2Page - Artesyn Technologies NLP150H Datasheet HTML 3Page - Artesyn Technologies NLP150H Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.000
(76.2)
6.085
(154.559)
6.50
(165.1)
2.300
(58.42)
1.750
(44.45)
J1 AC Input
0.35
(8.89)
L
N
G
Va sense J12
Power Good J13
J2
Va Power
J7 Int Fan Power
J6 Vb Sense
J3
Vb-d Power
1.825
(46.355)
0.59
(14.99)
Pin # 1 Typ. (•)
0.19
(4.826)
0.94
(23.876)
5.625
(142.875)
0.35
(8.89)
0.138-32-UNC-2B (10 Places)
(3 Each Side, 4 on Bottom)
1/4" (6.35) Max. Thread Penetration - Typ.
5.175
(131.445)
5.500
(139.7)
1.775
(45.085)
0.45
(11.43)
6.085
(154.559)
0.37 Ref.
(9.398)
0.156 (4 Places)
(4.191)
2.275
(57.785)
0.19
(4.826)
ALL DIMENSIONS IN INCHES (mm)
Tolerances unless otherwise specified
.xx
=
± 0.02
.xxx
=
± 0.010
Third Angle Projection
3.00
(76.20)
3.06
(77.72)
J1 AC Input
J7
J6
J3
J12
J13
J2
Signal pin assignment (J6, J12, J13)
Three two-pin Molex 6373 type
connectors (P/N: 22-23-2021) with 0.100
inch spacing or equivalent are used for
remote sensing and power good signal.
The pin assignment is summarized in the
following tables. Pin numbering is from
right to left facing the connector.
Input pin assignment (J1)
(Open-frame only)
The input connector is a standard
Leoco 5-pin polarized header type
connector with 0.156 inch spacing
(3940P05V000) or equivalent. The
recommended mating connector
socket is the Leoco 3940 series
(3940S050000) or equivalent. The
pin assignment is summarized
below. Pin numbering is from right
to left facing the connector.
Output pin assignment (J2, J3)
The output power connectors are two
standard Leoco 6-pin polarized header
type connectors with 0.156 inch spacing
(3940P06V000) or equivalent. The
recommended mating connector sockets
are the Leoco 3940 series (3940S060000)
or equivalents. The pin assignment is
summarized below. Pin numbering is from
right to left facing the connector. For
single output models, J2 and J3 must be
connected in parallel for proper operation.
INPUT PIN CONNECTIONS
J1
Pin 1
Ground
Pin 2
No Pin
Pin 3
Neutral (AC Low)
Pin 4
No Pin
Pin 5
Line (AC High)
Open-frame mechanical drawing
PAGE 60
125 to 150 Watt
AC/DC universal input switch mode power supplies
125-150W AC/DC
|
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
PIN CONNECTIONS
J2 (ALL MODELS)
Pin 1
VA
Pin 2
VA
Pin 3
VA
Pin 4
Return
Pin 5
Return
Pin 6
Return
OUTPUT PIN CONNECTIONS
J3
SINGLE (9)
DUAL
TRIPLE
QUAD
Pin 1
VA
VB
VC
VD
Pin 2
VA
VB
VB
VB
Pin 3
VA
VB
VB
VB
Pin 4
Return
Return
Return
Return
Pin 5
Return
Return
Return
Return
Pin 6
Return
Return
No Pin
VC
PIN CONNECTIONS
J13 (ALL MODELS)
Pin 1
VA Return
Pin 2
Power Good
PIN CONNECTIONS
J12 (ALL MODELS)
Pin 1
- Sense VA
Pin 2
+ Sense VA
PIN CONNECTIONS
J6 (ALL MODELS)
Pin 1
- Sense VB
Pin 2
+ Sense VB


Similar Part No. - NLP150H

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96S3 ARTESYN-NLP150L-96S3 Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L-96S3J EMERSON-NETWORKPOWER-NLP150L-96S3J Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLP150H

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
logo
Emerson Network Power
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
   Single and quad output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com