Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20U-2424SC Datasheet(PDF) 3 Page - AIMTEC

Part # AM20U-2424SC
Description  20 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20U-2424SC Datasheet(HTML) 3 Page - AIMTEC

  AM20U-2424SC Datasheet HTML 1Page - AIMTEC AM20U-2424SC Datasheet HTML 2Page - AIMTEC AM20U-2424SC Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
86
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
AM20U-C Series
Models
Input Voltage
Ouput Voltage
AM20U-1203SC
3.3VDC
4000mA
AM20U-1205SC
5VDC
4000mA
AM20U-1212SC
9VDC-18VDC
12VDC
1670mA
AM20U-1215SC
15VDC
1330mA
AM20U-1224SC
24VDC
830mA
AM20U-2403SC
3.3VDC
4000mA
AM20U-2405SC
5VDC
4000mA
AM20U-2412SC
18VDC-36VDC
12VDC
1670mA
AM20U-2415SC
15VDC
1330mA
AM20U-2424SC
24VDC
830mA
AM20U-4803SC
3.3VDC
4000mA
AM20U-4805SC
5VDC
4000mA
AM20U-4812SC
36VDC-75VDC
12VDC
1670mA
AM20U-4815SC
15VDC
1330mA
AM20U-4824SC
24VDC
830mA
Ouput Current max.
Triple output
Models
Input Voltage
Ouput Voltage
AM20U-12512TC
5/±12VDC
2500/±300mA
AM20U-12515TC
9VDC-18VDC
5/±15VDC
2500/±250mA
AM20U-24512TC
18VDC-36VDC
5/±12VDC
2500/±300mA
AM20U-24515TC
5/±15VDC
2500/±250mA
AM20U-48512TC
36VDC-75VDC
5/±12VDC
2500/±300mA
AM20U-48515TC
5/±15VDC
2500/±250mA
Ouput Current max.
Dual output
Models
Input Voltage
Ouput Voltage
AM20U-1205DC
±5VDC
±2000mA
AM20U-1212DC
9VDC-18VDC
±12VDC
±830mA
AM20U-1215DC
±15VDC
±660mA
AM20U-2405DC
±5VDC
±2000mA
AM20U-2412DC
18VDC-36VDC
±12VDC
±830mA
AM20U-2415DC
±15VDC
±660mA
AM20U-4805DC
±5VDC
±2000mA
AM20U-4812DC
36VDC-75VDC
±12VDC
±830mA
AM20U-4815DC
±15VDC
±660mA
Ouput Current max.


Similar Part No. - AM20U-2424SC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
548Kb / 2P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
546Kb / 2P
   Axial Molded Inductors
AM20-101K-RC ALLIED-AM20-101K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
More results

Similar Description - AM20U-2424SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-C AIMTEC-AM20E-C Datasheet
284Kb / 2P
   20 watt dc-dc converters
logo
TRACO Electronic AG
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
   DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
   20 WATT WIDE INPUT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
   DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
logo
CINCON ELECTRONICS Corp...
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-110 CINCON-EC7BW-110 Datasheet
212Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC4SBW CINCON-EC4SBW Datasheet
287Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1500 ETC1-UM1500 Datasheet
294Kb / 2P
   UM1500 SERIES, 15 to 20 Watt DC-DC Converters
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC7B CINCON-EC7B Datasheet
216Kb / 2P
   20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com