Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP150H-9624 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP150H-9624
Description  Single, dual, triple and quad output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP150H-9624 Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP150H-9624 Datasheet HTML 1Page - Artesyn Technologies NLP150H-9624 Datasheet HTML 2Page - Artesyn Technologies NLP150H-9624 Datasheet HTML 3Page - Artesyn Technologies NLP150H-9624 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
1
150LFM forced air cooling (150W max.).
2
Peak output current lasting less than 60 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total regulation
limits.
3
Figure is peak-to-peak. Output noise measurements are made across a
20MHz bandwidth using a 12 inch twisted pair, terminated with a 47µF
capacitor.
4
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4G
rms 5Hz to 500Hz.
5
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
7
For system EMI compliance, a ground choke may be required before
connecting the ground wire to the chassis.
8
To order the NLP150H with an enclosure, add the suffix 'E' to the model
number e.g. NLP150H-96XXE. See page 61 for details.
9
For single output models, J2 and J3 must be connected in parallel for
proper operation. To maintain specified regulation on enclosed single
output models and on V
A and VB of enclosed multiple output models, the
remote sense pins should be used.
10 For optimum reliability no part of the heatsink should exceed 120°C and
no semi-conductor case temperature should exceed 135°C.
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0108
Licence No. 98724
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
150W
75W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE
Output Power (Watts)
150 LFM FORCED
AIR COOLING
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
MODEL
VOLTAGE
MIN
MAX (1)
PEAK (2)
REGULATION
NUMBERS (8,9)
5V
3A
30A
36A
50mV
±2.0%
NLP150H-9605
12V
1.25A
12.5A
15A
120mV
±2.0%
NLP150H-9612
13.8V
1.1A
11A
13A
120mV
±2.0%
NLP150H-9614
24V
0.63A
6.3A
7.5A
240mV
±2.0%
NLP150H-9624
48V
0.32A
3.2A
3.75A
480mV
±2.0%
NLP150H-9617
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9690
3.3V (VB)
1.5A
15A
18A
50mV
±2.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9608
12V (VB)
0.63A
6.3A
7.5A
120mV
±2.0%
–12V (VC)
0A
0.8A
1.0A
120mV
±5.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9610
15V (VB)
0.5A
5A
6A
150mV
±2.0%
–15V (VC)
0A
0.8A
1.0A
150mV
±5.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9691
3.3V (VB)
1.2A
12A
15A
50mV
±2.0%
12V (VC)
0A
1.25A
1.25A
120mV
±5.0%
-12V (VD)
0A
0.8A
1.0A
120mV
±5.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9602
12V (VB)
0.63A
6.3A
7.5A
120mV
±2.0%
24V (VC)
0A
0.8A
1.0A
240mV
±5.0%
-12V (VD)
0A
0.8A
1.0A
120mV
±5.0%
125 to 150 Watt
AC/DC universal input switch mode power supplies
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
125-150W AC/DC
PAGE 59
http://www.artesyn.com
1


Similar Part No. - NLP150H-9624

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96S3 ARTESYN-NLP150L-96S3 Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L-96S3J EMERSON-NETWORKPOWER-NLP150L-96S3J Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLP150H-9624

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
logo
Emerson Network Power
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
   Single and quad output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com