Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV59748MWADJTBG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV59748MWADJTBG
Description  1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59748MWADJTBG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV59748MWADJTBG Datasheet HTML 2Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 3Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 4Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 5Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 6Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 7Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 8Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 9Page - ON Semiconductor NCV59748MWADJTBG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCV59748
www.onsemi.com
6
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 5 V, IOUT = 50 mA, VEN = VIN,
CIN = 1 mF, CBIAS = 4.7 mF, and COUT = 10 mF, unless otherwise noted.
Figure 9. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
Figure 10. VBIAS Dropout Voltage vs. IOUT and
Temperature TJ
VBIAS − VOUT (V)
IOUT, OUTPUT CURRENT (A)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
60
80
120
140
180
200
1.5
1.0
0.5
0
600
700
800
900
1000
1100
1200
Figure 11. BIAS Pin Current vs. IOUT and
Temperature TJ
Figure 12. BIAS Pin Current vs. VBIAS and
Temperature TJ
IOUT, OUTPUT CURRENT (A)
VBIAS (V)
1.5
1.0
0.5
0
0
200
600
800
1200
1400
1600
2000
5.0
4.5
4.0
5.5
3.5
3.0
2.5
2.0
0
200
600
800
1000
1400
1800
2000
Figure 13. Soft Start Charging Current ISS vs.
Temperature TJ
Figure 14. L−level PG Voltage vs. Current
TJ, JUNCTION TEMPERATURE (°C)
IPG, PG PIN CURRENT (mA)
100
75
125
50
25
0
−25
−50
0.300
0.325
0.350
0.375
0.400
0.450
0.475
0.500
12
10
8
6
4
2
0
0
0.1
0.3
0.4
0.5
0.7
0.9
1.0
4.5
+125
°C
+25
°C
−40
°C
IOUT = 0.5 A
40
100
160
+125
°C
+25
°C
−40
°C
400
1000
1800
+125
°C
+25
°C
−40
°C
400
1200
1600
+125
°C
+25
°C
−40
°C
0.425
0.2
0.6
0.8


Similar Part No. - NCV59748MWADJTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59748MWADJTBG ONSEMI-NCV59748MWADJTBG Datasheet
200Kb / 11P
   Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
More results

Similar Description - NCV59748MWADJTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59748 ONSEMI-NCP59748 Datasheet
220Kb / 11P
   1.5 A, Dual-Rail Very Low‐Dropout Linear Regulator with Programmable Soft‐Start
February, 2014 - Rev. 0
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59748 ONSEMI-NCP59748_16 Datasheet
219Kb / 11P
   1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator
December, 2016 ??Rev. 1
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
   Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCV59749 ONSEMI-NCV59749 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com