Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCK Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCK
Description  SMD Aluminum Electrolytic Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCK Datasheet(HTML) 1 Page - jb Capacitors Company

  JCK_15 Datasheet HTML 1Page - jb Capacitors Company JCK_15 Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ø
Chip type, operating with wide temperature range -40~+105℃.
Ø
Load Life of 1,000~2,000 hours
Ø
Designed for surface mounting on high density circuit board.
Ø
Emboss carrier tape packing system is available for automatic insertion.
SPECIFICATIONS
Operating Temperature
-40℃ ~ +105℃
Voltage Range
4V ~ 100V.DC
Capacitance Range
0.1 ~ 10000μF
Capacitance Tolerance
±
20% at 120Hz, 20℃
Leakage Current
Leakage current (Φ4~Φ10) ≤0.01CV or 3μA, whichever is greater.
(After 2 minutes application of rated voltage)
Leakage current (Φ12.5~Φ16) ≤0.03CV or 4μA, whichever is greater.
(After 1 minutes application of rated voltage)
Dissipation Factor (Tan δ)
Measurement Frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
Φ
4~Φ10
0.35
0.3
0.24
0.2
0.16
0.14
0.14
0.12
0.12
Tan δ
(Max.)
Φ
12.5~Φ16
0.42
0.38
0.34
0.3
0.26
0.22
0.18
0.14
0.12
Stability At Low Temp.
Measurement Frequency: 120Hz
Rated Voltage (V)
4
6.3
10
16
25
35
50~63
100
Z(-25℃)/ Z(20℃)
7
4
3
2
2
2
2
3
Φ
4~Φ10
Z(-40℃)/ Z(20℃)
15
8
6
4
4
3
3
4
Z(-25℃)/ Z(20℃)
7
5
4
3
2
2
2
2
Impedance
Ratio
ZT/Z20
(Max.)
Φ
12.5~Φ16
Z(-40℃)/ Z(20℃)
17
12
10
8
5
4
3
3
Load Life
After 2000 hours (1000hrs. forΦ4~Φ6.3x5.8) application of rated voltage at 105℃,
They meet the characteristics listed below.
Capacitance Change
within ± 20% of initial value for capacitors of 10V or more
(within ± 30% of initial value for capacitors of 4V & 6.3V)
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Self Life
After leaving capacitors under no load at 105
for 1000 hours,
They meet the specified value for load life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed below.
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
DRAWING (Unit: mm)
*1 Voltage mark for 6.3V is [6V]
*2 Applicable toΦ8x10.5~Φ10
*3 Applicable toΦ12.5~Φ16
(mm)
Φ
DxL
4x5.4
5x5.4
6.3x5.4
6.3x7.7
8x6.2
8x10.5
10x10.5
10x13.5
12.5x13.5
12.5x16
16x16.5
16x21.5
A
1.8
2.1
2.4
2.4
3.3
2.9
3.2
3.2
4.7
4.7
5.5
5.5
B
4.3
5.3
6.6
6.6
8.3
8.3
10.3
10.3
13.0
13.0
17.0
17.0
C
4.3
5.3
6.6
6.6
8.3
8.3
10.3
10.3
13.0
13.0
17.0
17.0
E±0.2
1.0
1.3
2.2
2.2
2.2
3.1
4.4
4.4
4.4
4.4
6.7
6.7
L
5.4
5.4
5.4
7.7
6.2
10.5
10.5
13.5
13.5
16.0
16.5
21.5
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
0.1~68µF
0.70
1.00
1.17
1.36
1.50
Φ
4~Φ10
100~3300µF
0.85
1.00
1.08
1.20
1.30
~68µF
0.75
1.00
1.35
1.57
2.00
100~680µF
0.8
1.00
1.23
1.34
1.50
Coefficient
Φ
12.5~Φ16
1000~10000µF
0.85
1.00
1.10
1.13
1.15
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCK
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCK_15

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCK JBCAPACITORS-JCK_17 Datasheet
407Kb / 2P
   SMD Aluminum Electrolytic Capacitor
More results

Similar Description - JCK_15

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCC JBCAPACITORS-JCC_15 Datasheet
190Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCA JBCAPACITORS-JCA Datasheet
316Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_17 Datasheet
260Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCN JBCAPACITORS-JCN_17 Datasheet
266Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCS JBCAPACITORS-JCS_17 Datasheet
350Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCZ JBCAPACITORS-JCZ_17 Datasheet
357Kb / 3P
   SMD Aluminum Electrolytic Capacitor
JCZ JBCAPACITORS-JCZ_15 Datasheet
333Kb / 3P
   SMD Aluminum Electrolytic Capacitor
JCL JBCAPACITORS-JCL_15 Datasheet
295Kb / 3P
   SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_15 Datasheet
260Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCD JBCAPACITORS-JCD_15 Datasheet
241Kb / 4P
   SMD Aluminum Electrolytic Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com