Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV028ATM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV028ATM
Description  3V LVDS Dual CMOS Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV028ATM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90LV028ATM Datasheet HTML 1Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 2Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 3Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 4Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 5Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 6Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 7Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 8Page - National Semiconductor (TI) DS90LV028ATM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Switching Characteristics (Continued)
Note 9: tSKD2 is the differential channel-to-channel skew of any event on the same device. This specification applies to devices having multiple receivers within the
integrated circuit.
Note 10: tSKD3, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices at the same VCC
and within 5˚C of each other within the operating temperature range.
Note 11: tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices over the recom-
mended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min| differential propagation delay.
Note 12: VCC is always higher than RIN+ and RIN− voltage. RIN+ and RIN− are allowed to have voltage range −0.05V to +3.05V. VID is not allowed to be greater
than 100 mV when VCM =0Vor3V.
Note 13: fMAX generator input conditions: tr = tf < 1ns(0% to 100%), 50% duty cycle, differential (1.05V to 1.35 peak to peak). Output criteria: 60%/40% duty cycle,
VOL (max 0.4V), VOH (min 2.7V), load = 15 pF (stray plus probes).
Parameter Measurement Information
Typical Application
Applications Information
General application guidelines and hints for LVDS drivers
and receivers may be found in the following application
notes: LVDS Owner’s Manual (lit #550062-001), AN808,
AN1035, AN977, AN971, AN916, AN805, AN903.
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in
Figure 3. This configuration provides a clean signaling en-
vironment for the fast edge rates of the drivers. The receiver
is connected to the driver through a balanced media which
may be a standard twisted pair cable, a parallel pair cable, or
simply PCB traces. Typically the characteristic impedance of
the media is in the range of 100
Ω. A termination resistor of
100
Ω should be selected to match the media, and is located
as close to the receiver input pins as possible. The termina-
tion resistor converts the driver output (current mode) into a
voltage that is detected by the receiver. Other configurations
are possible such as a multi-receiver configuration, but the
effects of a mid-stream connector(s), cable stub(s), and
other impedance discontinuities as well as ground shifting,
noise margin limits, and total termination loading must be
taken into account.
The DS90LV028A differential line receiver is capable of de-
tecting signals as low as 100 mV, over a ±1V common-mode
range centered around +1.2V. This is related to the driver off-
DS100077-3
FIGURE 1. Receiver Propagation Delay and Transition Time Test Circuit
DS100077-4
FIGURE 2. Receiver Propagation Delay and Transition Time Waveforms
Balanced System
DS100077-5
FIGURE 3. Point-to-Point Application
3
www.national.com


Similar Part No. - DS90LV028ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV028ATM NSC-DS90LV028ATM Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV028ATM TI-DS90LV028ATM Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
DS90LV028ATM/NOPB TI-DS90LV028ATM/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
DS90LV028ATMX/NOPB TI-DS90LV028ATMX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
More results

Similar Description - DS90LV028ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com