Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTL-52BGC-G3-T Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BTL-52BGC-G3-T
Description  Ultra Bright Bluish Green Color
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTL-52BGC-G3-T Datasheet(HTML) 1 Page - DB Lectro Inc

  BTL-52BGC-G3-T Datasheet HTML 1Page - DB Lectro Inc BTL-52BGC-G3-T Datasheet HTML 2Page - DB Lectro Inc BTL-52BGC-G3-T Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
MEGA BRIGHT LED
BTL-52BGC-XX-X
Package Dimension
Product Features
Ultra Bright Bluish Green Color
High Light Output
5mm Diameter Circular Package
Water Clear Lens
Highly Reliable
IC Compatible
Leads without Stand Off
Applications
Automotive
Front Panel Indicator
Traffic Light
General Purpose LEDs
Tolerance:
±
Unit:
±
Optical and Electrical Characteristics at Ta=25℃
Parameter
Symbol
Minimum
Typical
Maximum
Units
Conditions
Luminous
Intensity
Iv
4500
mcd
IF = 20mA
(Note 1)
Viewing Angle
2θ½
30
deg
IF = 20mA
Dominant
Wavelength
λ
D
495
502
510
nm
IF = 20mA
(Note 2)
DC Forward
Voltage
VF
3.5
4.0
V
IF = 20mA
DC Reverse
Current
IR
0
10
µA
VR=5V
Notes:
1. Light intensity measures the light sensing response standard using chromatic meter. Refer to the CIE
eye-response curve set by International Lighting committee.
Tolerance of minimum and maximum
intensity = ± 15%
2. Wavelength range can be selected from the bin selection table. Tolerance of minimum and
maximum = ± 2nm
3. These products are sensitive to static electricity and care must be fully taken when handling
products
0.01
0.25
inch
mm
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - BTL-52BGC-G3-T

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTL-52BLC-B5-M DBLECTRO-BTL-52BLC-B5-M Datasheet
225Kb / 3P
   MEGA BRIGHT LED
BTL-52BLC-B5-N DBLECTRO-BTL-52BLC-B5-N Datasheet
225Kb / 3P
   MEGA BRIGHT LED
BTL-52BLC-B5-O DBLECTRO-BTL-52BLC-B5-O Datasheet
225Kb / 3P
   MEGA BRIGHT LED
BTL-52BLC-B6-M DBLECTRO-BTL-52BLC-B6-M Datasheet
225Kb / 3P
   MEGA BRIGHT LED
BTL-52BLC-B6-N DBLECTRO-BTL-52BLC-B6-N Datasheet
225Kb / 3P
   MEGA BRIGHT LED
More results

Similar Description - BTL-52BGC-G3-T

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND035VX-UHB-LED PURDY-AND035VX-UHB-LED Datasheet
2Mb / 7P
   Ultra High Bright TFT LCD Color Module
logo
P-tec Corporation
PL16E-WCG19 P-TEC-PL16E-WCG19 Datasheet
30Kb / 1P
   Ultra Bright Green LED
PL16F-WCG19 P-TEC-PL16F-WCG19 Datasheet
30Kb / 1P
   Ultra Bright Green LED
logo
NICHIA CORPORATION
NSPE800S NICHIA-NSPE800S Datasheet
259Kb / 15P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC4B-G3-3BD LUCKY-LIGHT-LL-304BGC4B-G3-3BD Datasheet
133Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3B LUCKY-LIGHT-LL-484BGC1C-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3B LUCKY-LIGHT-LL-304BGC2L-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3F LUCKY-LIGHT-LL-484BGC1C-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NCSE219BT-V1 NICHIA-NCSE219BT-V1 Datasheet
282Kb / 19P
   BLUISH-GREEN LED
logo
Purdy Electronics Corpo...
AND4PGA PURDY-AND4PGA Datasheet
84Kb / 2P
   GaP Ultra Bright Green Light Emission GaP Ultra Bright Green Light Emission
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com