Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105U-G-ET1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 105U-G-ET1
Description  105U-G Wireless Gateway
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

105U-G-ET1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  105U-G-ET1 Datasheet HTML 1Page - Cooper Bussmann, Inc. 105U-G-ET1 Datasheet HTML 2Page - Cooper Bussmann, Inc. 105U-G-ET1 Datasheet HTML 3Page - Cooper Bussmann, Inc. 105U-G-ET1 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
105U-G Wireless Gateway
Data bus interface and conversion
Description
ELPRO wireless gateways provide interface and communication
between industrial data bus devices and field devices (for example,
Modbus to Profibus to EtherNet/IP or PLC to SCADA/DCS).
Connected via RS-232/RS-485/RJ-45, register-allocated data bus
values are transmitted and received by radio to and from field and
control room devices.
ELPRO 105U-G series products can multi-hop repeat up to four
times, support a variety of industrial protocols and be combined with
ELPRO 105U/505U-K and 115S series products to create powerful
I/O and data bus networks.
Features
150/220/400/869 MHz, 5 mW–5W, 3.6–19.2 kbps radio
communications to 35 miles (55 km) with multi-hop repeating
Able to connect to similar and dissimilar industrial protocols
and vendor devices: master/slave, slave/slave, master/master
networks
Flexible and secure networking, point to multipoint
communications with forward error correction (FEC), data integrity
check (CRC) and data encryption
Eight configurable digital onboard I/O with I/O expansion via the
ELPRO 115S series products
AC/DC/battery power options with UPS battery charger
Module diagnostics including read/write of register I/O, reporting
of received signal strength indication (RSSI), communications
logging and internal measurement of low/normal and battery
supply voltages
Applications
Data bus SCADA/DCS to PLC-PLC communications
Moving machinery PLC-PLC/HMI connection/operation
Data bus cable replacement
Smart instrument interface and connection (for example, gas
analyzer)
Multi-I/O data concentrator/repeater for large networks
Technical Data TD032007EN
Effective January 2014


Similar Part No. - 105U-G-ET1

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
105 KEYSIGHT-105 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
logo
Alpha Wire
105 ALPHAWIRE-105 Datasheet
100Kb / 4P
   Customer Specification
8/25/2022
105 ALPHAWIRE-105 Datasheet
99Kb / 4P
   Customer Specification
11/28/2022
logo
Maxtena Inc.
105-00008-01 MAXTENA-105-00008-01 Datasheet
1Mb / 2P
   Screw mount antenna bracket with RG174 or LL100 cable and SMA F connector
REV A
105-00009-01 MAXTENA-105-00009-01 Datasheet
1,015Kb / 2P
   Magnetic mount bracket with cable and SMA Male connector
REV A
More results

Similar Description - 105U-G-ET1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
905U-G-DE1-900-1W COOPER-905U-G-DE1-900-1W Datasheet
223Kb / 3P
   905U-G Wireless Gateway
logo
Harris Corporation
RF-6750W HARRIS-RF-6750W Datasheet
370Kb / 2P
   wireless gateway
logo
EnOcean GmbH.
TCM515 ENOCEAN-TCM515 Datasheet
125Kb / 1P
   Wireless Transceiver Gateway
November 2020
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
   Wireless Modbus RTU Gateway
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
   Wireless Modbus RTU Gateway
20-Sep-2016
logo
M-System Co.,Ltd.
WL40EW2KR MSYSTEM-WL40EW2KR Datasheet
573Kb / 6P
   Wireless I/O WL40KR Series WIRELESS GATEWAY
WL40EW2F MSYSTEM-WL40EW2F Datasheet
575Kb / 7P
   Wireless I/O WL40F Series WIRELESS GATEWAY
WL40EW2TH MSYSTEM-WL40EW2TH Datasheet
572Kb / 6P
   Wireless I/O WL40TH Series WIRELESS GATEWAY
logo
Advantech Co., Ltd.
WISE-3610 ADVANTECH-WISE-3610 Datasheet
549Kb / 2P
   Wireless IoT LoRa Network Gateway
WISE-3620 ADVANTECH-WISE-3620 Datasheet
549Kb / 2P
   Wireless IoT WiFi Network Gateway
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com