Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5131M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D5131M
Description  Modbus RTU or DGH ASCII communications protocol
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D5131M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D5131M Datasheet HTML 1Page - List of Unclassifed Manufacturers D5131M Datasheet HTML 2Page - List of Unclassifed Manufacturers D5131M Datasheet HTML 3Page - List of Unclassifed Manufacturers D5131M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SETUP
The D5000M series are initiated at the factory using the
DGH ASCII protocol. This allows setup and configuration,
including the Modbus device address, to be easily per-
formed using the DGH setup software or a dumb terminal.
Each D5000M module must be properly configured before
installation into a Modbus system.
UTILITY SOFTWARE
Complimentary Utility Software is included with each pur-
chase order. The software is compatible with Windows 95, 98,
NT 4.0+, 2000 operating systems and distributed on CD-
ROM. The Utility Software simplifies configuration of all user-
selectable options such as device address, baud rate and
filtering constants. The latest version of our software is always
downloadable from our web site at www.dghcorp.com.
PROCESS CONTROL SOFTWARE
Modbus RTU protocol is supported by virtually all com-
mercial process control software programs available to-
day. These programs operate on IBM and compatible per-
sonal computers in the Windows 95, 98, NT and IBM OS/2
environments.
ORDERING GUIDE
MODEL
INPUT/OUTPUT
Voltage Inputs
D5111M 100mV Input/RS-232 Output
D5112M 100mV Input/RS-485 Output
D5121M 1V Input/RS-232 Output
D5122M 1V Input/RS-485 Output
D5131M 5V Input/RS-232 Output
D5132M 5V Input/RS-485 Output
D5141M 10V Input/RS-232 Output
D5142M 10V Input/RS-485 Output
D5151M 100V Input/RS-232 Output
D5152M 100V Input/RS-485 Output
Current Input
D5251M 4-20mA Input/RS-232 Output
D5252M 4-20mA Input/RS-485 Output
MODEL
INPUT/OUTPUT
Thermocouple Inputs
D5311M J Thermocouple Input/RS-232 Output
D5312M J Thermocouple Input/RS-485 Output
D5321M K Thermocouple Input/RS-232 Output
D5322M K Thermocouple Input/RS-485 Output
D5331M T Thermocouple Input/RS-232 Output
D5332M T Thermocouple Input/RS-485 Output
D5341M E Thermocouple Input/RS-232 Output
D5342M E Thermocouple Input/RS-485 Output
Thermistor Inputs
D5451M 2252
Ω Thermistor Input/RS-232 Output
D5452M 2252
Ω Thermistor Input/RS-485 Output


Similar Part No. - D5131M

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D51 FREQUENCYDEVICES-D51 Datasheet
213Kb / 2P
   Telephone Message & Circuit Noise Measurement
logo
ITT Industries
D51-B27-3058GEA ITT-D51-B27-3058GEA Datasheet
3Mb / 35P
   1.0/2.3 RF Connector Series
D51-B27-3060GEA ITT-D51-B27-3060GEA Datasheet
3Mb / 35P
   1.0/2.3 RF Connector Series
D51-B51-9001GBA ITT-D51-B51-9001GBA Datasheet
3Mb / 35P
   1.0/2.3 RF Connector Series
D51-B51-9002GBA ITT-D51-B51-9002GBA Datasheet
3Mb / 35P
   1.0/2.3 RF Connector Series
More results

Similar Description - D5131M

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702765 PHOENIX-2702765 Datasheet
81Kb / 5P
   The GW MODBUS TCP/RTU... gateway converts serial based Modbus RTU (or ASCII) to Modbus TCP
logo
Moxa Inc.
4101-MB-PBS MOXA-4101-MB-PBS Datasheet
730Kb / 5P
   1-port Modbus RTU/ASCII-to-PROFIBUS slave gateways
logo
PHOENIX CONTACT
2702771 PHOENIX-2702771 Datasheet
81Kb / 5P
   The GW MODBUS TCP/ASCII... converts RAW or ASCII serial strings into Modbus registers.
logo
Moxa Inc.
5103 MOXA-5103 Datasheet
734Kb / 6P
   1-port Modbus RTU/ASCII/TCP/EtherNet/IP-to-PROFINET gateways
5114 MOXA-5114 Datasheet
980Kb / 5P
   1-port Modbus RTU/ASCII/TCP/IEC 101-to-IEC 104 gateways
5109 MOXA-5109 Datasheet
751Kb / 6P
   1-port Modbus RTU/ASCII/TCP-to-DNP3 serial/TCP/UDP gateways
5105-MB-EIP MOXA-5105-MB-EIP Datasheet
726Kb / 5P
   1-port MQTT-supported Modbus RTU/ASCII/TCP-to-EtherNet/IP gateways
logo
PHOENIX CONTACT
2702772 PHOENIX-2702772 Datasheet
80Kb / 5P
   The GW EIP/ASCII... converts RAW or ASCII serial strings into EtherNet/IP??protocol.
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
   Wireless Modbus RTU Gateway
20-Sep-2016
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
   Wireless Modbus RTU Gateway
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com