Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28378 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28378
Description  FTG for Pentium 4 and Intel 845 Series Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28378 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28378 Datasheet HTML 5Page - Cypress Semiconductor CY28378 Datasheet HTML 6Page - Cypress Semiconductor CY28378 Datasheet HTML 7Page - Cypress Semiconductor CY28378 Datasheet HTML 8Page - Cypress Semiconductor CY28378 Datasheet HTML 9Page - Cypress Semiconductor CY28378 Datasheet HTML 10Page - Cypress Semiconductor CY28378 Datasheet HTML 11Page - Cypress Semiconductor CY28378 Datasheet HTML 12Page - Cypress Semiconductor CY28378 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY28378
Document #: 38-07519 Rev. **
Page 9 of 22
Byte 9
Bit
@Pup
Name
Pin Description
Bit 7
0
48MHz_DRV
48MHz and 24_48MHz clock output drive strength
0 = Normal
1 = High Drive
(Recommend to set to high drive if this output is being used to drive both
USB and SIO devices in Intel Brookdale – G platforms)
Bit 6
0
PCI_DRV
PCI clock output drive strength
0 = Normal
1 = High Drive
Bit 5
0
3V66_DRV
3V66 clock output drive strength
0 = Normal
1 = High Drive
Bit 4
0
Reserved
Reserved
Bit 3
0
Reserved
Reserved
Bit 2
0
Reserved
Reserved
Bit 1
0
Reserved
Reserved
Bit 0
0
Reserved
Reserved
Byte 10
Bit
@Pup
Name
Pin Description
Bit 7
0
CPU_Skew2
CPU skew control
000 = Normal
001 = –150 ps
010 = –300 ps
011 = –450 ps
100 = +150 ps
101 = +300 ps
110 = +450 ps
111 = +600 ps
Bit 6
0
CPU_Skew1
Bit 5
0
CPU_Skew0
Bit 4
0
Fixed 3V66_SEL
3V66 and PCI output frequency select mode
0 = Set according to Frequency Selection Table
1 = Set according to Fractional Aligner settings
Bit 3
0
PCI_Skew1
PCI skew control
00 = Normal
01 = –500 ps
10 = Reserved
11 = +500 ps
Bit 2
0
PCI_Skew0
Bit 1
0
3V66_Skew1
3V66 skew control
00 = Normal
01 = –150 ps
10 = +150 ps
11 = +300 ps
Bit 0
0
3V66_Skew0
Byte 11
Bit
@Pup
Name
Pin Description
Bit 7
0
Reserved
Reserved
Bit 6
0
Reserved
Reserved
Bit 5
0
Reserved
Reserved
Bit 4
0
Reserved
Reserved
Bit 3
0
Reserved
Reserved
Bit 2
0
Reserved
Reserved
Bit 1
0
Reserved
Reserved
Bit 0
0
Reserved
Reserved


Similar Part No. - CY28378

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28378 SPECTRALINEAR-CY28378 Datasheet
260Kb / 21P
   FTG for Pentium 4짰 and Intel짰 845 Series Chipset
logo
Silicon Laboratories
CY28378 SILABS-CY28378 Datasheet
201Kb / 21P
   FTG for Pentium 4 and Intel 845 Series Chipset
logo
SpectraLinear Inc
CY28378OC SPECTRALINEAR-CY28378OC Datasheet
260Kb / 21P
   FTG for Pentium 4짰 and Intel짰 845 Series Chipset
logo
Silicon Laboratories
CY28378OC SILABS-CY28378OC Datasheet
201Kb / 21P
   FTG for Pentium 4 and Intel 845 Series Chipset
logo
SpectraLinear Inc
CY28378OCT SPECTRALINEAR-CY28378OCT Datasheet
260Kb / 21P
   FTG for Pentium 4짰 and Intel짰 845 Series Chipset
More results

Similar Description - CY28378

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28378 SILABS-CY28378 Datasheet
201Kb / 21P
   FTG for Pentium 4 and Intel 845 Series Chipset
logo
SpectraLinear Inc
CY28378 SPECTRALINEAR-CY28378 Datasheet
260Kb / 21P
   FTG for Pentium 4짰 and Intel짰 845 Series Chipset
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28344 CYPRESS-CY28344 Datasheet
197Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
logo
SpectraLinear Inc
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
   FTG for VIA??Pentium 4??Chipsets
logo
Cypress Semiconductor
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
   FTG for VIA Pentium 4 Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com