Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT6201
Description  300 mA / 13 V Adjustable CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6201 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT6201_13 Datasheet HTML 1Page - ON Semiconductor CAT6201_13 Datasheet HTML 2Page - ON Semiconductor CAT6201_13 Datasheet HTML 3Page - ON Semiconductor CAT6201_13 Datasheet HTML 4Page - ON Semiconductor CAT6201_13 Datasheet HTML 5Page - ON Semiconductor CAT6201_13 Datasheet HTML 6Page - ON Semiconductor CAT6201_13 Datasheet HTML 7Page - ON Semiconductor CAT6201_13 Datasheet HTML 8Page - ON Semiconductor CAT6201_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT6201, CAV6201B
http://onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
VIN
Supply voltage input
2
FLT
Fault indicator (active low)
3
EN
Enable input (active high)
4
BYP
A capacitor between BYP and GND controls the regulator’s turn−on speed and improves PSRR
5
GND
Ground reference
6
ILIM
Current limit control pin
7
VADJ
Output voltage adjustment
8
VOUT
LDO Output Voltage
Pad
Backside pad in center of package provides thermal contact for cooling, typically via the PCB ground
plane. This pad is electrically active and connected to GND internally. An external Ground connection
is not required and the pad may be left floating.
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Value
Unit
VIN, VOUT, EN
0 to 16
V
All other pins
−0.3 to +6.0
V
Junction Temperature, TJ
+150
_C
Power Dissipation, PD
Internally Limited (Note 1)
mW
Storage Temperature Range, TS
−65 to +150
_C
Lead Temperature (soldering, 5 sec.)
260
_C
ESD Rating (Human Body Model)
1000
V
ESD Rating (Machine Model)
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum allowable power dissipation at any TA (ambient temperature) is PDmax = (TJmax – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Table 3. RECOMMENDED OPERATING CONDITIONS (Note 2)
Parameter
Range
Unit
VIN, VOUT, EN
3.3 to 13.5
V
All other pins
0 to 6.0
V
Junction Temperature Range, TJ
−40 to +125
_C
Package Thermal Resistance (SOIC), θJA
235
_C/W
Package Thermal Resistance (TDFN), θJA
92
_C/W
2. The device is not guaranteed to work outside its operating rating.


Similar Part No. - CAT6201_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201VP2.GT3 ONSEMI-CAT6201VP2.GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201VP2GT3 ONSEMI-CAT6201VP2GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
More results

Similar Description - CAT6201_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com